Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics AN3095 Datasheet HTML 12Page - STMicroelectronics AN3095 Datasheet HTML 13Page - STMicroelectronics AN3095 Datasheet HTML 14Page - STMicroelectronics AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
DC-DC converter
AN3095
14/55
Doc ID 16555 Rev 3
Figure 12.
Variation of parameter “d” with input voltage for n=1.2
A leakage inductance value comprised between 35 µH and 55 µH is suitable to obtain the
desired power level of 3 kW in all the input voltage range for the chosen transformer turns
ratio of 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com