Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 37Page - STMicroelectronics AN3095 Datasheet HTML 38Page - STMicroelectronics AN3095 Datasheet HTML 39Page - STMicroelectronics AN3095 Datasheet HTML 40Page - STMicroelectronics AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
AN3095
STM32F103xx-based current control strategy for inverter grid connection
Doc ID 16555 Rev 3
41/55
The grid voltage and the 90° phase-shifted voltage are used to perform the reference frame
change, or “park transformation”, and create two voltage components on the DQ reference
frame called Vd and Vq. One of the two components is controlled to zero with a PI regulator.
The output of the PI regulator is the grid frequency which may be integrated to obtain the
grid angle.
It is worth knowing that if the Vq component is controlled to zero then the Vd component
follows the grid-voltage rotation. In this case, the active power injected into the grid may be
controlled, transforming the current in the same reference frame and by acting on the
amplitude of the Id component. The Iq component must also be controlled in order to ensure
zero reactive power injection. On the contrary, if the Vq component is controlled to zero in
the PLL, the active power is controlled with the Iq current component and the Id current
component is used to control the reactive power to zero or to the desired value.
This said, the advantages of such a control structure are clear: first of all the current
components on the synchronous reference frame are constants and may then be controlled
with standard PI regulators ensuring zero steady-state error; the second advantage is a
decoupled control of active and reactive power.
The reference values for the active and reactive component of the current are set by two
additional PI regulators in the outer control loop. The active reference current component is
generated by confronting the DC bus voltage with the reference voltage value. The error
between the actual value and the reference DC bus voltage is sent to a PI regulator whose
output is the active current component value (Figure 26).
Similarly, the reactive current reference value is set by another PI regulator whose input is
the error generated between the reactive power command and the actual estimated value.
Figure 27.
DQ components of the current
The difference between reference components of the current and the actual DQ
components are the inputs of the PI regulators in the inner control loop. The outputs of the
PI regulators in the inner loop are two voltage components, Vd and Vq. By performing a
reverse park transformation, two AC voltages are generated back to the stationary reference
frame, and therefore the generation of the modulating signals of the DC-AC converter may
be executed by the microcontroller.
The amount of power injected into the grid depends on the power available from the PV
array. This power is then processed by the DC-DC converter which is controlled in order to
maximize the energy yield from the array, independent to temperature variations and
irradiation conditions, by controlling its input impedance. The control of the input impedance
requires both PV array current and voltage sensing and some simple calculations executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com