Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 25Page - STMicroelectronics AN3095 Datasheet HTML 26Page - STMicroelectronics AN3095 Datasheet HTML 27Page - STMicroelectronics AN3095 Datasheet HTML 28Page - STMicroelectronics AN3095 Datasheet HTML 29Page - STMicroelectronics AN3095 Datasheet HTML 30Page - STMicroelectronics AN3095 Datasheet HTML 31Page - STMicroelectronics AN3095 Datasheet HTML 32Page - STMicroelectronics AN3095 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
AN3095
Schematic description
Doc ID 16555 Rev 3
29/55
Figure 16.
Schematic of the AC voltage measurement circuit
The circuit is supplied by the 5 V bus generated by the multi-output power supply and the
measured voltage is fed through connector J11. The output voltage of this circuit is then
equal to the sum of the measured voltage plus an offset voltage according to the following
equation:
Equation 52
Where Vmeas is the voltage on J11, Vcc is the 5 V supply voltage and Vout is the voltage on
pin 8 of the operational amplifier. The line current conditioning circuit was designed in a
similar way and the electrical scheme is shown in Figure 17:
12
R
/
13
R
11
R
12
R
//
13
R
V
13
R
//
11
R
12
R
13
R
//
11
R
V
V
cc
.
meas
out
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com