Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 13Page - STMicroelectronics AN3095 Datasheet HTML 14Page - STMicroelectronics AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
AN3095
DC-DC converter design
Doc ID 16555 Rev 3
17/55
where:
Parray is the PV field maximum output power,
ΔV
array is the allowable peak-to-peak voltage
ripple at the input of the array, fs is the switching frequency and Vinmin is the minimum
operating value for the input voltage. Assuming 90 % efficiency for the converter and 0.1 %
of admissible peak-to-peak ripple voltage the input capacitance value is:
Equation 20
Three 330 µF, 450 V electrolytic capacitors are connected in parallel at the input of the
converter to limit the effect of the high frequency ripple on the PV generator.
●
Output capacitor value:
In a similar way the value of the C2 bus capacitor may be calculated, taking the fact that the
ripple is sinusoidal at twice the grid frequency into account:
Equation 21
where the peak-to-peak voltage of 9 V corresponds to a voltage ripple of 1 % of the nominal
bus voltage and the grid frequency is 50 Hz.
●
HF transformer design:
The design is based on the core geometry method. The transformer specifications are
shown in Table 4:
Table 4.
HF transformer specifications
Specification
Symbol
Value
Nominal input voltage
Vin
300 V
Maximum input voltage
Vinmax
400 V
Minimum input voltage
Vinmin
200 V
Input current
Iin
27 A
Nominal output voltage
Vout
450 V
Output current
Iout
22.5 A
Switching frequency
f
35 kHz
Efficiency
η
99 %
Regulation
α
0.15
Max operating flux density
Bm
0.15 T
Window utilization
Ku
0.3
Duty cycle
Dmax
0.5
Maximum temperature rise
Tr
70 °C
mF
1
.
1
200
*
2
.
0
*
35000
*
2
33
.
3333
Vin
v
f
2
P
C
min
array
s
array
1
=
=
Δ
>
mF
17
.
1
450
*
9
*
50
*
*
2
*
2
3000
V
v
2
P
C
bus
bus
grid
out
2
=
π
=
Δ
ω
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com