Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics AN3095 Datasheet HTML 46Page - STMicroelectronics AN3095 Datasheet HTML 47Page - STMicroelectronics AN3095 Datasheet HTML 48Page - STMicroelectronics AN3095 Datasheet HTML 49Page - STMicroelectronics AN3095 Datasheet HTML 50Page - STMicroelectronics AN3095 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
AN3095
Experimental results
Doc ID 16555 Rev 3
47/55
The PWM embedded peripheral used for the DC-AC stage is configured to generate a
triangular carrier at 17.4 kHz with a resolution of 16,6 ns and programmable dead-time
insertion to avoid cross-conduction. For the sake of security the complementary pairs must
be disabled synchronously in the case of power stage failure/fault (e.g. overcurrent) and this
is performed by a dedicated emergency stop input embedded in the peripheral.
Inverter output voltage and current are shown in Figure 36, 37, 38 and 39 at different power
levels and both in standalone and grid-connected operation. The efficiency of the DC-DC
converter and overall system is shown in Figure 40 and 41, with different values of input
voltage. Further improvements in terms of efficiency are possible using the hybrid inverter
topology (two low frequency IGBTs and two high frequency MOSFETs). In this case the
modulating strategy controlling the high-side devices (MOSFETs) and the low-side devices
(IGBTs) must be modified according to the information in Figure 42 and 43, where the
modulation used for the high-side and low-side devices is shown. The proposed converter
performs with a power factor value higher than 90 % for any power level above 1 % of
Figure 32.
DC-DC phase-shift modulation
Figure 33.
Phase-shifted signals, transformer
current in CCM, power MOSFET M1
drain current
Figure 34.
Power MOSFET M1- Ch1 gate
signal; Ch2 drain-source voltage
and drain current Ch4
Figure 35.
Phase-shifted gate signals (Ch1,
Ch2), primary and secondary
transformer voltage (Ch3, Ch4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com