Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics AN3095 Datasheet HTML 46Page - STMicroelectronics AN3095 Datasheet HTML 47Page - STMicroelectronics AN3095 Datasheet HTML 48Page - STMicroelectronics AN3095 Datasheet HTML 49Page - STMicroelectronics AN3095 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Experimental results
AN3095
46/55
Doc ID 16555 Rev 3
grid angle. The required software and hardware operations of the PLL have been performed
with the same microcontroller used for the main digital control. The experimental results may
be seen in Figure 29 and 30, where the grid angle (in yellow) is drawn together with the
voltage component on the d axis (green track) of the synchronous reference frame, which is
controlled to zero. Figure 31 shows the synchronization between the estimated angle and
the two voltages on the stationary reference frame, namely, the grid voltage (red track) and
the 90° phase-shifted voltage (blue track), [see References 19, 20].
Figure 31.
Grid angle (yellow), grid voltage (red), 90° phase-shifted voltage (blue)
The phase-shift modulation (Figure 32) for the DC-DC stage is also implemented in the
digital control loop. The STM32F103xx microcontroller allows a high resolution phase shift
(16 ns), thanks to 16-bit timers, with a consequent advantage in terms of output voltage
regulation of the DC-DC converter. In Figure 33, the driving signals of M1 and M6 are
drawn, together with the HF transformer current in CCM and the M1 drain current under
ZVS operation. Commutation of the device M1 may be seen in Figure 34, where the control
signal is shown together with the drain source voltage and drain current at 200 V and 5 A
input. Figure 35 shows phase-shift and control signals (Ch1, Ch2), transformer primary
voltage (Ch3), and secondary voltage (Ch4).
Figure 29.
Grid angle and Vd component
Figure 30.
Grid angle and grid voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com