Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 30Page - STMicroelectronics AN3095 Datasheet HTML 31Page - STMicroelectronics AN3095 Datasheet HTML 32Page - STMicroelectronics AN3095 Datasheet HTML 33Page - STMicroelectronics AN3095 Datasheet HTML 34Page - STMicroelectronics AN3095 Datasheet HTML 35Page - STMicroelectronics AN3095 Datasheet HTML 36Page - STMicroelectronics AN3095 Datasheet HTML 37Page - STMicroelectronics AN3095 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Schematic description
AN3095
34/55
Doc ID 16555 Rev 3
The outputs of the microcontroller are the PWM signals used to control the power devices in
each leg of the conversion system.
Power MOSFETs and IGBTs must be interfaced to the control circuit while maintaining
galvanic isolation. Two slightly different solutions were implemented for the DC-DC and the
DC-AC converter. In the first, a L6386 IC with a bootstrap capacitor for a floating drive
supply was selected because of the low cost and the capability of driving a high-side and a
low-side device with a single IC, therefore simplifying the layout of the board. The opto-
isolator receives the signal generated by the microcontroller and performs the level shifting
of this signal from 0-5 V to 0-15 V. The opto-isolator output pin is connected to the L6386
input pin. A totem pole circuit, consisting of a PNP-NPN BJT pair, connects the output of the
IC to the gate of each MOSFET, amplifying the driving current and allowing fast switching,
both at turn-on and turn-off. The +15 V supply voltage of the IC and opto-isolator is provided
by an isolated DC-DC converter, as shown in Figure 20. A similar solution was used to drive
the IGBTs in the inverter bridge. The main difference is the use of a single driver IC, TD350,
characterized by 0.75 A/1.2 A source/sink current capability and includes some dedicated
control and protection functions such as IGBT desaturation, two level turn-off and fault
detection output. The circuit implemented is shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com