Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics AN3095 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
AN3095
DC-AC converter
Doc ID 16555 Rev 3
21/55
4
DC-AC converter
The DC-AC inverter is a standard single-phase full bridge based on IGBTs with ultrafast co-
pack diodes, as depicted in Figure 3. The connection to the grid is realized by means of
current control performed in DQ rotating reference frame. An LCL filter is placed between
the bridge and the grid in order to reduce the current harmonics generated by the unipolar
sinusoidal pulse-width modulation (USPWM) at 17 kHz. L filters or LC filters may also be
chosen for the application, but in the first case large values of inductance are required to
perform good high frequency noise damping and large currents through the capacitor may
arise in the second case together with high voltage harmonics. LCL filters show good
performance in terms of current harmonic reduction but they may lead to instability of the
control loop in the presence of large grid impedance. This instability is due to the presence
of extra poles introduced by the additional inductor. The problem may be solved with proper
filter design and by adding a damping resistor in series with the filter capacitor.
The value of Lf is designed in order to limit the current ripple to about 10 % of the nominal
current value according to:
Equation 44
The filter capacitor value is designed to limit the exchange of reactive power below 5 % of
nominal active power:
Equation 45
To avoid resonance problems for the filter, due to low and high order harmonics, its resonant
frequency, given by
, should be in a range between ten times the line
frequency and one half of the switching frequency:
Equation 46
In fact, if the resonant frequency is too small the filter resonance increases the low
frequency harmonics and, in the same way, if it is too high it increases the harmonics
multiple of the switching frequency.
With a filter capacitor value of 3.3 µF and a grid inductor value of 2 mH the resulting
resonant frequency is 2771 Hz, which is in the specified range.
() ()
mH
05
.
2
17000
*
3
.
1
*
2
72
.
0
*
324
450
f
i
2
D
V
V
L
sw
pk
_
grid
BUS
f
=
−
=
⋅
Δ
⋅
⋅
−
=
uF
9
X
1
C
6
.
352
P
05
.
0
V
X
P
05
.
0
X
V
P
c
n
2
grid
c
n
c
2
grid
reactive
=
ω
≤
Ω
=
≥
≤
=
f
g
f
f
g
res
C
L
L
L
L
2
1
f
+
π
=
kHz
5
.
8
f
Hz
500
f
5
.
0
f
f
*
10
res
sw
res
grid
≤
≤
≤
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com