Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 38Page - STMicroelectronics AN3095 Datasheet HTML 39Page - STMicroelectronics AN3095 Datasheet HTML 40Page - STMicroelectronics AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics AN3095 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
STM32F103xx-based current control strategy for inverter grid connection
AN3095
42/55
Doc ID 16555 Rev 3
by the well known maximum power point algorithm. The main functions of the MPPT
algorithm are shown in Figure 28.
Figure 28.
Block diagram of the implemented MPPT algorithm
The block diagram is an explanation of the perturb and observe (P and O) method, a very
common and easy way to implement an MPPT technique. The PV array voltage is
compared to a constant reference voltage, which corresponds, once the algorithm has
reached the convergence, to the PV array voltage at the maximum power point, under
specific atmospheric and temperature conditions. The error signal is used as the input of a
PI regulator which generates a command (phase-shift angle) used to drive the power
devices of the DC-DC converter. The reference voltage is the output of the flow chart of
Figure 27
where, based on the calculation of PV output power by sampling input voltage and
current values, the power change is detected, by comparing the present and previous
voltage levels, together with the change of the input voltage. Therefore, the reference
voltage is incremented or decremented according to both array power and voltage change,
[see References 17, 18].
Apart from gird connection and MPPT, some other functions are implemented for the correct
operation of the conversion system. The following is a brief description of these functions:
●
Input voltage control
Input voltage value is constantly monitored to ensure that the array voltage is always in the
correct operating range, between 200 V and 400 V. The voltage value is also utilized to
minimize the conversion ratio between the input and output of the DC-DC converter. For
example, if the input voltage is between 200 V and 250 V the output voltage is regulated at
400 V. For higher input voltage values the reference bus DC voltage is regulated at 450 V. In
this way, the conversion ratio for the DC-DC converter is minimized and the efficiency
improved. If the input voltage value is below 200 V or above 400 V, the input
under/overvoltage protection is enabled. Consequently, the modulation is disabled in both
stages and the relays disconnect the system from the grid. For the sake of security the
complementary pairs must be disabled synchronously in case of power stage failure/fault
and this is performed by a dedicated emergency stop input embedded in the peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com