Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
AN3095
DC-DC converter design
Doc ID 16555 Rev 3
19/55
The next step is to choose the wire size in order to realize primary and secondary windings.
At 35 kHz, current penetration depth is:
Equation 31
Then, the wire diameter may be selected as follows:
Equation 32
And the conductor section is:
Equation 33
AWG21, having d=0.072 cm and a wire area of AWAWG22=0.0040 cm
2, may be used for this
design. Considering a current density of J=500 A/cm2, the number of primary wires is given
by:
Equation 34
where
Equation 35
Since the AWG21 has a resistance of 420 µ
Ω/cm, the primary resistance is:
Equation 36
and so the value of resistance for the primary winding is:
Equation 37
With the same procedure for the secondary winding it is:
Equation 38
cm
035
.
0
f
62
.
6
=
=
δ
cm
07
.
0
2
d
=
δ
=
2
2
W
cm
0038
.
0
4
d
A
=
π
=
choose
5
.
13
A
A
S
26
AWG
w
wp
np
→
=
=
14
S
np =
2
CCM
rms
wp
cm
054
.
0
J
I
A
=
=
cm
/
30
14
cm
/
420
r
p
Ω
μ
=
Ω
μ
=
Ω
=
⋅
⋅
⋅
=
m
7
.
13
r
MLT
2
N
R
p
1
p
2
CCM
_
rms
ws
cm
045
.
0
J
n
I
A
=
⋅
=
11
A
A
S
21
wawg
ws
ns
=
=
cm
/
38
11
cm
/
420
r
s
Ω
μ
=
Ω
μ
=
Ω
=
⋅
⋅
⋅
=
m
1
.
21
r
MLT
2
N
R
s
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com