Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 12Page - STMicroelectronics AN3095 Datasheet HTML 13Page - STMicroelectronics AN3095 Datasheet HTML 14Page - STMicroelectronics AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
DC-DC converter design
AN3095
16/55
Doc ID 16555 Rev 3
●
Transformer turns ratio:
As the converter operates in boost mode, to avoid problems of controllability for low power
levels, the value of parameter “d” must always be greater than one:
Equation 17
Moreover, considering the voltage drop across the leakage inductor it is possible to operate
the converter with n=1.2 without incurring regulation problems for high input voltage values
at low power.
●
Minimum output power device breakdown voltage:
Equation 18
●
Power device selection:
According to the calculations above, four STW55NM60ND MOSFETs were selected for the
input bridge and also two STW55NM60NDs for the active rectifier. The main characteristics
of this MOSFET are reported in Table 2 and 3:
●
Rectifier diode selection:
Two STTH60L06s are selected for the diode leg. The main characteristics are shown in
Figure 3
:
●
Input capacitor value:
The input capacitor, C1, is designed to smooth the high frequency ripple at the input of the
PV array. If the current generated by the module is assumed to be constant and the current
drawn by the converter is assumed to be a pulse train, the following equation gives the value
of the input capacitance:
Equation 19
Table 2.
MOSFET electrical characteristics
VDS@Tjmax
RDSon_max
ID@100°C
Coss
Qg
650 V
0.06
Ω
29 A
900 pF
190 nC
Table 3.
Diode rectifier electrical characteristics
Vf_max @150 °C IF=60 A
Vrrm
Trr_max
IF
IRM
1.4 V
600 V
85 n
60 A
10.5 A
12
.
1
dVin
Vout
n
1
d
MAX
≤
≤
≥ →
V
576
400
*
2
.
1
n
*
V
2
.
1
V
max
MPPT
OUTPUT
_
BrkMos
=
=
•
=
min
array
s
array
1
Vin
v
f
2
P
C
Δ
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com