Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics AN3095 Datasheet HTML 25Page - STMicroelectronics AN3095 Datasheet HTML 26Page - STMicroelectronics AN3095 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
AN3095
DC-AC converter
Doc ID 16555 Rev 3
23/55
Diode losses may be evaluated according to the following equations:
Equation 49
where
Equation 50
The resulting total losses for the single-phase inverter are calculated below:
Equation 51
resulting in 98% theoretical efficiency for the inverter stage. A simple modification of the
control strategy, together with a different choice of power devices, may improve the
efficiency and performance of the DC-AC stage. The modified circuit is shown in Figure 13.
Figure 13.
Conversion systems with modified DC-AC inverter
The low-side power devices, Z2 and Z4, are low-drop IGBTs switching at 50 Hz according to
grid polarity while the high-side devices are MOSFETs switching at high frequency with
pulse-width modulation. Compared to the standard topology, the main advantages are lower
conduction losses of both MOSFETs and low-drop IGBTs, absence of switching losses for
the low-side devices and, eventually, the possibility of using higher switching frequencies
with a reduction of reactive components size and cost and wider bandwidth for the control
loop.
The possible implementation of this solution may be based on the use of STW55NM60ND
for the high-side and STGW35NB60SD, connected in parallel to an external SiC diode, for
the low side. A gain in efficiency between of 0.5 % and 1 % may be measured with such an
implementation.
W
45
.
0
f
V
t
I
8
1
P
W
3
.
1
)
cos
3
ma
8
1
(
*
I
*
V
P
SW
pk
rr
rr
RR
_
diode
pk
F
DC
_
diode
=
=
=
φ
π
−
=
V
450
V
pk =
A
4
.
5
I
rr =
ns
88
t
rr =
(
)
W
6
.
59
Pcond
off
_
Psw
on
_
Psw
P
P
4
P
RR
_
diode
DC
_
diode
tot
=
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com