Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
DC-DC converter design
AN3095
20/55
Doc ID 16555 Rev 3
The total copper losses are:
Equation 39
From the core loss curve of N87 material, at 100 °C, 0.15 T and 35 kHz, the selected core
has the following losses:
Equation 40
Where Ve=102000 mm
3 is the core volume of one set of E75/33/32.
The efficiency of the transformer is:
Equation 41
The transformer temperature rise is:
Equation 42
With
Equation 43
W
9
.
20
I
R
I
R
P
P
P
2
s
s
in
2
p
s
p
Cu
=
+
=
+
=
W
4
V
2
m
kW
20
P
e
3
V
=
⋅
•
=
%
17
.
99
100
*
3000
9
.
24
1
T
=
⎟
⎠
⎞
⎜
⎝
⎛ −
=
η
()
C
68
.
79
P
P
R
5
.
0
T
o
V
Cu
th
r
=
+
•
⋅
=
W
C
4
.
6
R
o
th =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com