Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics AN3095 Datasheet HTML 46Page - STMicroelectronics AN3095 Datasheet HTML 47Page - STMicroelectronics AN3095 Datasheet HTML 48Page - STMicroelectronics AN3095 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
AN3095
Experimental results
Doc ID 16555 Rev 3
45/55
7
Experimental results
Control issues have been thoroughly investigated and the possibility of implementing the
algorithm using a 32-bit ARM-based microcontroller from STMicroelectronics is verified. The
dedicated control board, developed for this purpose, is equipped with an STM32F103xx
microcontroller, characterized by a 32-bit CORTEX TM-M3 core with suitable peripherals.
The core, running at 72 MHz, is able to perform up to 90 MIPS. A high performance CPU,
based on Harvard architecture, plus suitable peripherals such as two advanced PWMs, fast
and accurate 12-bit A/D conversions with double S and H circuit and high resolution timers,
allows the implementation of very sophisticated control algorithms.
The control loop has been synchronized with the A-D conversions triggered by the ON
states of the two PWM timers. This brings benefits in terms of accuracy, avoiding the
acquisition of analog quantities (e.g. currents) during commutations of the power devices.
The execution time of the most relevant tasks is reported in Table 7.
The entire control loop is executed in about 30 µs (50 % CPU-load) with a sampling time of
57 µs. Further code may be executed in the remaining 50 %, allowing the implementation of
a HMI (human machine interface) such as LCD driving or a graphical user interface via SPI,
in order to have a complete smart-platform.
For this application, the three main control issues regarding a PV converter, namely, MPPT,
grid synchronization and power management control, have been included within the
firmware. All the PWM signals, necessary for power management, are generated with
proper dead-time, settable with a resolution of 16.6 ns by acting on the firmware developed
for this application. The algorithm may control both the active and reactive power in the DQ
synchronous frame, while the implemented MPPT algorithm is based on the P and O
method and may be optimized with simple modifications to the source code. The inverter
current is transformed, using Park equations, in the two components referred to the rotating
DQ reference frame of the grid voltage. These components, Id and Iq, are proportional to
active and reactive generated power, respectively. The reference current value of q axis, I*q,
is calculated in order to regulate the voltage of the DC bus Vbus. Reactive power is
maintained at zero through I*d, as only the injection of active power into the mains is
allowed, according to international standards. PI outputs are transformed back into AC
quantities, using the inverse park transformation, providing the signals for inverter
modulation. The most critical task of the power management control is the estimation of the
Table 7.
Execution time of the main control functions
Function
Execution time
n.5 A/D acquisitions
1 µs
MPPT
1.5 µs
DQ_PLL+internal PID
10 µs
Direct park transf
5 µs
PI regulator
3 µs each
Reverse park transf
5 µs
Sine modulation
1.5 µs
Total control loop execution time @ 72 MHz
≅ 30 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com