Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 4Page - STMicroelectronics AN3095 Datasheet HTML 5Page - STMicroelectronics AN3095 Datasheet HTML 6Page - STMicroelectronics AN3095 Datasheet HTML 7Page - STMicroelectronics AN3095 Datasheet HTML 8Page - STMicroelectronics AN3095 Datasheet HTML 9Page - STMicroelectronics AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics AN3095 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
DC-DC converter
AN3095
8/55
Doc ID 16555 Rev 3
2
DC-DC converter
The dual-stage inverter for grid-connected applications includes a DC-DC converter to
amplify the voltage and a DC-AC inverter to control the current injected into the grid.
Figure 3.
DC-DC and DC-AC converter
The DC-DC converter is depicted in Figure 3 together with the DC-AC converter and LCL
filter. The converter consists of an input capacitor, C1, six switches, M1 - M6, six
freewheeling diodes, two rectifier diodes, D1 and D2, a HF transformer with turns ratio equal
to 1.2 and a DC link capacitor C2.
The transformer provides voltage isolation between the PV array and the grid, improving
overall system safety. Its leakage inductance is used as a power transfer element,
eliminating device overvoltage problems and the need for snubber circuits. Proper phase-
shift control between input bridge legs (M1-M4) and active rectifier legs (M5-M6) allows
transformer current shaping, therefore achieving ZCZVS for all the power devices, as well as
voltage step-up. The adopted phase-shift modulation is shown Figure 4.
Figure 4.
DC-DC converter control signals
The same drive signal used for device M1 also controls M4, as the one controlling M3 is also
used for M2. The effect of the input bridge modulation is to generate a square wave on the
VGSM1
VGSM2
VGSM5
VGSM6
AM05398v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com