Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 35Page - STMicroelectronics AN3095 Datasheet HTML 36Page - STMicroelectronics AN3095 Datasheet HTML 37Page - STMicroelectronics AN3095 Datasheet HTML 38Page - STMicroelectronics AN3095 Datasheet HTML 39Page - STMicroelectronics AN3095 Datasheet HTML 40Page - STMicroelectronics AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
AN3095
STM32F103xx-based current control strategy for inverter grid connection
Doc ID 16555 Rev 3
39/55
For these reasons, this method was implemented on a 32-bit ARM-based STM32F103xx
microcontroller and its performance was verified through simulations and experimental
results on the grid connected inverter.
A block diagram of the implemented control algorithm is shown in Figure 24.
Figure 24.
Block diagram of the implemented control
Every algorithm for grid-connected inverter operation is based on the estimation or direct
measurement of grid-voltage frequency and phase angle. Both parameters are fundamental
for correct operation and special care must be taken in their detection to avoid the influence
of any external noise. The detection method used in this implementation for a single-phase
inverter is based on a synchronous reference frame PLL. While in three-phase inverters the
use of DQ based PLL is quite common, for single-phase inverters, the necessity of a virtual
bi-phase system arises. In fact, to create a rotating DQ reference, starting from a stationary
frame, at least two independent phases are required. This problem is overcome with the
creation of a virtual voltage, Vβ, phase-shifted with respect to the real grid voltage, Vα, of
90°. This task may be easily accomplished with firmware. If the two voltage components Vα
and Vβ are available, the transformation from the stationary reference frame to the DQ
rotating frame is given by:
Equation 54
where
θ is the angle between the DQ reference frame and the stationary reference frame
(Figure 25). The reverse transformation is given by:
Equation 55
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⎥
⎦
⎤
⎢
⎣
⎡
θ
θ
−
θ
θ
=
⎥
⎦
⎤
⎢
⎣
⎡
α
β
V
V
cos
sin
sin
cos
V
V
q
d
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⎥
⎦
⎤
⎢
⎣
⎡
θ
θ
θ
−
θ
=
⎥
⎦
⎤
⎢
⎣
⎡
α
β
q
d
V
V
cos
sin
sin
cos
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com