Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 8Page - STMicroelectronics AN3095 Datasheet HTML 9Page - STMicroelectronics AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics AN3095 Datasheet HTML 12Page - STMicroelectronics AN3095 Datasheet HTML 13Page - STMicroelectronics AN3095 Datasheet HTML 14Page - STMicroelectronics AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
DC-DC converter
AN3095
12/55
Doc ID 16555 Rev 3
Due to symmetry during the two halves of the switching period, current expressions and
current paths may be derived with similar considerations for the second half of the switching
period.
If d >1 the current in the leakage inductor may reach zero and there is a boundary between
CCM and DCM.
In DCM there are also three modes of operation, as shown in Figure 10.
●
Mode 1, interval t0-t1:
At t=t0 inductor current is zero. After t=t0 devices M1and M4 are turned on under zero
current and inductor current rises according to the following equation:
Equation 5
Figure 10.
Modulation and transformer current in DCM
●
Mode 2, interval t1-t2:
At t1 M6 turns off and M5 turns on with zero current. Inductor current expression is given by:
Equation 6
and reaches zero at t=t3.
●
Mode 3, t2-t3
Equation 7
The boundary between DCM and CCM depends on the phase-shift angle, input voltage,
output voltage and transformer turns ratio and is given by:
( )
)
t
(
i
t
t
V
L
1
)
t
(
i
Lk
1
in
k
k
L
+
−
=
t0
t1
t2
t3
AM05604v1
()(
)
)
t
(
i
t
t
d
1
V
L
1
)
t
(
i
2
Llk
2
in
k
K
L
+
−
−
=
0
)
t
(
i
K
L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com