Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics AN2644 Datasheet HTML 51Page - STMicroelectronics AN2644 Datasheet HTML 52Page - STMicroelectronics AN2644 Datasheet HTML 53Page - STMicroelectronics AN2644 Datasheet HTML 54Page - STMicroelectronics AN2644 Datasheet HTML 55Page - STMicroelectronics AN2644 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Resonant transitions of half-bridge midpoint
AN2644
52/64
The expression of the tank current will be:
Equation 34
Equations (Equation 30) to (34) apply in the time interval (0, TT), where TT is the time
needed for the voltage VHB to reach Vin. TT can be calculated from (Equation 32) taking (33)
into account; the result is:
Equation 35
To achieve ZVS, the value of TT given by (Equation 35) must not exceed the deadtime TD to
make sure that Q1 is turned on with zero drain-to-source voltage.
Note that in CCM operation there may be an additional constraint on the time interval where
equations (Equation 30) to (34) are applicable. The current IR(t) will be described by
Equation 34 either until TT or until it equals the current flowing through Lp (see Figure 9),
whichever condition occurs first. We will assume that IR(t)=I(Lp) occurs after TT.
With the usual values of all the involved quantities, the phase angles
ϕ
CC and
ϕ
DD are both
considerably less than unity, then it is possible to use the approximation
ϕ
≈ sin ϕ ≈ tan ϕ
for both of them. With this simplification (Equation 35) can be expressed as:
Equation 36
for both CCM and DCM modes, which is equivalent to considering CHB charged by a
constant current IR(0).
Considering that in CCM operation above resonance it is Vin > 2·a·(Vout + VF) and, again,
that VC(0) ≤ Vin/2, ϕCC is always negative. As a result, IR(t) has its peak for negative t values
and decays in (0, TT). In DCM operation, if the input current is lower than a critical value, it is
VC(0) > 0 and, then, ϕDD positive. Thereby, IR(t) has its peak for positive t values, thus it
initially increases and then decays in (0,TT). In this case, which happens at light load and
with no load, the approximation IR(t) = IR(0) is excellent. Still in DCM operation, but with an
input current exceeding that critical value, it is VC(0) < 0 and, then, ϕDD negative, which
happens below resonance at heavy load. However, as compared to what happens in CCM
operation, the associated resonance period is longer, thus the change in IR(t) is lower and
the approximation IR(t) = IR(0) is still good. This is illustrated in Figure 31 and 32.
I
R t
()
C
HB
dV
HB t
()
dt
---------------------
C
HB
V
DD
ω
DD
ω
DDt
ω
DD
–
()
I
R 0
()
ω
DD
cos
---------------------
ω
DDt
ϕ
DD
–
()
cos
=
cos
⋅⋅
⋅
C
HB
V
CC
ω
CC
ω
CCt
ω
CC
–
()
I
R 0
()
ω
CC
cos
---------------------
ω
CCt
ϕ
CC
–
()
cos
=
cos
⋅⋅
⋅
⎩
⎪
⎪
⎨
⎪
⎪
⎧
=
=
DCM
CCM
T
T
1
ω
DD
-----------
ϕ
DD
1
–
V
in
V
C 0
()
–
V
DD
------------------------------
⎝⎠
⎛⎞
sin
+
1
ω
CC
-----------
ϕ
CC
1
–
V
in
V
C 0
()
–
aV
out
V
F
+
()
⋅
+
V
CC
--------------------------------------------------------------------------
⎝⎠
⎛⎞
sin
+
⎩
⎪
⎪
⎨
⎪
⎪
⎧
=
DCM
CCM
T
T
V
in
I
R 0
()
-------------C
HB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com