Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics AN2644 Datasheet HTML 51Page - STMicroelectronics AN2644 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Power MOSFET driving energy in ZVS operation
AN2644
48/64
Appendix A
Power MOSFET driving energy in ZVS
operation
When power MOSFETs are switched on under ZVS conditions, i.e. when their drain-to-
source is already zero, Miller effect due to drain-to-source voltage modulation is absent.
This reduces the gate charge required to turn the power MOSFET fully on, the turn-on
energy, as well as the total driving energy. This can be conveniently examined on the gate-
charge characteristic of the device (see Figure 29).
The black curve is the normal piecewise-linear gate-charge curve. The first portion is that
related to the charge of the input capacitance CGS+CGD, and Qgs is the charge needed to
bring the gate voltage up to the plateau value VM that lets the power MOSFET carry the
specified current. The flat portion is the so-called "Miller plateau", where the gate voltage
does not increase because the drain-to-source voltage is falling and CGD is wiping out the
charge supplied to the gate until the charge Qgd has been supplied. The third rising portion
is related to the overcharge of CGS+CGD needed to minimize RDS(on). Note that the slope of
this line is lower than that of the first portion. This is due to the modulation of CGD, which is
now considerably larger (CGS is essentially constant). The total gate charge supplied to the
gate to bring its voltage up to the final value VGS is Qg. The values of Qgs, Qgd, Qg are
specified on the datasheet for given VGS, VDS, ID.
The grey-hatched area included between the gate-charge curve and the VGS horizontal line
is the energy lost in the gate driver to charge the gate up to the final value VGS and turn the
power MOSFET fully on. Its value can be found with simple geometric considerations:
Equation 19
Figure 29.
Comparison of gate-charge characteristics with and without ZVS
E
ONHS
1
2
--- QgsV
M
Qg
Qgs
Qgd
++
() V
GS
V
M
–
()
+
[]
=
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com