Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 17Page - STMicroelectronics AN2644 Datasheet HTML 18Page - STMicroelectronics AN2644 Datasheet HTML 19Page - STMicroelectronics AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics AN2644 Datasheet HTML 23Page - STMicroelectronics AN2644 Datasheet HTML 24Page - STMicroelectronics AN2644 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
21/64
To illustrate the above-mentioned operating modes we will refer to the reference converter
shown in Figure 15. The discussion will start from the inspection of the main waveforms in a
switching cycle, highlighting each subinterval where the circuit assumes a topological state
and deducing the properties of the converter when operated in that mode from those
waveforms. Half-bridge leg transitions are considered instantaneous. Their features have
been already discussed.
Figure 15.
Reference LLC converter for the analysis of the fundamental operating
modes
2.3.1
Operation at resonance (f = fR1)
In this operating mode it is possible to distinguish six fundamental time subintervals within a
switching cycle, which are illustrated in Figure 16.
The first subinterval and, then, the instant t0 can be chosen quite arbitrarily. We fix t0 as the
instant when, with Q1 conducting and Q2 open, the tank current IR has a positive-going
zero-crossing.
a)
t0 → t1. Q1 is ON and Q2 is OFF. This is the "energy taking" phase, when current
flows from the input source to the tank circuit, so that energy is positive and both
refills the resonant tank and supplies the load. The operating point of Q1 is in the
first quadrant (current is flowing from drain to source). D2 is reverse-biased with a
voltage -2·Vout (it is actually larger because of the contribution from the secondary
leakage inductance LL2). D1 is conducting, so Lp is shorted by the output load
reflected back to the primary side and the voltage across it is fixed at a·Vout. Lp,
then, is not participating in resonance and Cr is resonating with Ls only. IR is a
portion of a sinusoid having a frequency f = fR1. During this phase, which ends
when Q1 is switched off at t=t1, IR reaches its maximum value, after that it starts
decaying. Note that at t=t1 IR=I(Lp) and then I(D1)=0.
b)
t1 → t2. This is the deadtime during which both Q1 and Q2 are OFF. At t=t1
I(Q1)=I(Lp)=IR is greater than zero and provides the energy to let the node HB
swing from Vin to 0, so that the body diode of Q2, DQ2, is injected. This allows IR
to flow. The voltage across Lp reverses to -a·Vout and the slope of its current
changes sign. D2 starts conducting while D1 is reverse biased with a negative
voltage approximately equal to 2·Vout (plus the contribution from LL2, here not
shown). This phase ends when Q2 is switched on at t=t2.
c)
t2 → t3. Q1 is OFF and Q2 is ON. At t=t2 IR is diverted from DQ2 to the RDS(on) of
Q2, so that no significant energy is lost during the turn-on transient. Note that now
Driver
+
CTRL
Isolated
feedback
Q1
Q2
Cr
22 nF
Ls
200 uH
Lp
500 uH
D1
D2
Vout
Vout
Vin
Vin
Coss1
100 pF
Coss2
100 pF
8.33:1:1
24 Vdc
300W
I(D1)
I(D2)
HB
I
R
I
R
I(Q1)
I(Q1)
I(Q2)
I(Lp)
Vc
Vc
360 to 420
Vdc
Cout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com