Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 5Page - STMicroelectronics AN2644 Datasheet HTML 6Page - STMicroelectronics AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics AN2644 Datasheet HTML 10Page - STMicroelectronics AN2644 Datasheet HTML 11Page - STMicroelectronics AN2644 Datasheet HTML 12Page - STMicroelectronics AN2644 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
9/64
and, in certain conditions, the initial imbalance of the V·s applied to the transformer at start
up (see "Converter's start-up" section). Additionally, it makes the input current to the
converter look like that of a full-bridge converter, as shown in Appendix E, with a resulting
reduction in both the input differential mode noise and the stress of the input capacitor.
Obviously, the currents through Q1 and Q2 will be unchanged. It is easy to recognize that
the two Cr/2 capacitors are dynamically in parallel, so that the total resonant tank's
capacitance is again Cr.
The system appears quite bulky, with its three magnetic components. However, the LLC
resonant topology lends itself well to magnetic integration. With this technique inductors and
transformers are combined into a single physical device to reduce component count, usually
with little or no penalty to the converter's characteristics, sometimes even enhancing its
operation. To understand how magnetic integration can be done, it is worth looking at the
well-known equivalent schematics of a real transformer in Figure 5 and comparing them to
the inductive component set of Figure 3.
Lp occupies the same place as the magnetizing inductance LM, Ls the same place as the
primary leakage inductance LL1. Then, assuming that we are going to use a ferrite core plus
bobbin assembly, Lp can be used as the magnetizing inductance of the transformer with the
addition of an air gap into the magnetic circuit and leakage inductance can be used to make
Ls.
Figure 5.
Equivalent schematic of a real transformer (left, tapped secondary; right,
single secondary)
To do so, however, a leaky magnetic structure is needed, which is contrary to the traditional
transformer design practice that aims at minimizing leakage inductance. The usual
concentric winding arrangement is not recommended here, although higher leakage
inductance values can be achieved by increasing the space between the windings.
Figure 6.
Example of high-leakage magnetic structures (cross-section)
i1(t)
n : 1
v1(t)
LM
LL1
i
M(t)
ideal
LL2 i
2(t)
v2(t)
i1(t)
n : 1
v1(t)
v1(t)
LM
LL1
i
M(t)
ideal
LL2 i
2(t)
v2(t)
v2(t)
i1(t)
n : 1 : 1
v1(t)
LM
LL1
i
M(t)
ideal
LL2 i
2(t)
LL2
v2(t)
v2(t)
i1(t)
n : 1 : 1
v1(t)
v1(t)
LM
LL1
i
M(t)
ideal
LL2 i
2(t)
LL2
v2(t)
v2(t)
v2(t)
v2(t)
Windings on separate legs of an EE core
Primary
winding
Secondary
winding
Primary
winding
Secondary
winding
Side-by-side windings (EE or pot core)
Windings on separate legs of an EE core
Primary
winding
Secondary
winding
Primary
winding
Secondary
winding
Side-by-side windings (EE or pot core)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com