Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics AN2644 Datasheet HTML 51Page - STMicroelectronics AN2644 Datasheet HTML 52Page - STMicroelectronics AN2644 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
AN2644
Power MOSFET driving energy in ZVS operation
49/64
The grey-shaded area below the gate charge curve represents the energy lost in the gate
driver to discharge the gate from VGS to zero. Its value can be simply found from the
difference of the total driving energy, represented by the rectangle enclosed by the Q-V axes
and the Qg and VGS lines:
Equation 20
and EON_HS:
Equation 21
In case of ZVS, instead, the associated gate-charge curve is the red line. Its slope is equal
to that of the third portion of the normal gate-charge characteristic, because CGD has the
final value since the beginning. By geometrical considerations, the total gate charge QgZ to
provide in this case will be:
Equation 22
while the energy lost in the gate driver to charge the gate up to the final value VGS and turn
the power MOSFET fully on and represented by the red-shaded area will be:
Equation 23
At turn-off, the Miller effect will be present but to a lower degree. In fact, the operating point
will initially move along the red line until the gate voltage reaches the Miller plateau VM (that
associated to the switched current at turn-off). From that point on, it will move along the
black curve. The energy associated to turn-off will be:
Equation 24
and the total driving energy:
Equation 25
For the power MOSFET used in the example of Figure 29 (STP14NK60Z), the datasheet
specifies: Qgs = 13.2 nC, Qgd = 38.6 nC, Qg = 75 nC @ VGS = 10 V. Substituting these
values and VM = 5.8 Vin (Equation 19) to (Equation 25) we find: EON_HS = 305 nJ, EHS = 750
nJ, EOFF_HS = 445 nJ, QgZ = 55 nC, EON_ZVS = 276 nJ, EOFF_ZVS = 331 nJ and EZVS = 607
nJ. Then, the total gate charge is decreased by 20 nC (-27%) and the total gate driving
energy by 143 nJ (-19%).
E
HS
Qg V
GS
⋅
=
E
OFFHS
Qg V
GS
E
ONHS
–
⋅
=
-
-
Qg
Z
V
GS
V
GS
V
M
–
------------------------- Qg
Qgs
Qgd
+
()
–
[]
=
E
ONZVS
1
2
---Qg
ZVGS
1
2
---
V
2
GS
V
GS
V
M
–
------------------------- Qg
Qgs
Qgd
+
()
–
[]
⋅
=
=
-
E
OFFZVS
1
2V
GS
V
M
–
()
---------------------------------- V
2
GS
V
2
M
+
() Qg Qgd
–
() V
GS VGS
V
M
+
()Qgs
–
[]
=
-
E
ZVS
1
2V
GS
V
M
–
()
---------------------------------- 2V
2
GS
V
2
M
+
() Qg Qgd
–
() V
GS 2VGS
V
M
+
()Qgs
–
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com