Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 24Page - STMicroelectronics AN2644 Datasheet HTML 25Page - STMicroelectronics AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics AN2644 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
28/64
DCMA at medium load
In this "above-resonance" DCM submode it is possible to identify eight fundamentals
subintervals. The relevant waveforms are illustrated in the timing diagram of Figure 18.
Two new subintervals, namely (t2, t3) and (t6, t7), appear just after the deadtimes of the half-
bridge leg transitions (t1, t2), (t5, t6), respectively. The other six phases are exactly identical
to those of the CCM above-resonance mode.
a)
t2 → t3. Q1 is OFF and Q2 is ON. At t=t2 IR is diverted from DQ2 to the RDS(on) of
Q2, so that no significant energy is lost during the turn-on transient. Note that the
operating point of Q2 is in the third quadrant, current is flowing from the source to
drain. D1 is nonconducting but the voltage across the secondary windings is still
too low to let D2 conduct, then still IR = I(Lp) is a portion of a sinusoid having a
frequency f = fR2. This phase ends when D2 starts conducting at t=t3.
b)
t6 → t7. Q1 is ON and Q2 is OFF. At t=t6 IR is diverted from DQ1 to the RDS(on) of
Q1, so that no significant energy is lost during the turn-on transient. Note that the
operating point of Q1 is in the third quadrant, current is flowing from the source to
drain. D2 is nonconducting but the voltage across the secondary windings is still
too low to let D1 conduct, then still IR = I(Lp) is a portion of a sinusoid having a
frequency f = fR2. This phase ends when D1 starts conducting at t=t7.
Remarks
1.
In this "above-resonance" DCM submode the multiresonant nature of the LLC
converter shows up. In a switching cycle there are two time intervals just after bridge-
leg transitions during which no current is flowing on the secondary side (hence this is
DCM operation), then the entire transformer's primary inductance Ls+Lp resonates and
the second resonance frequency fR2 appears. At the transitions of the half-bridge leg
the resonant current IR is still slightly greater than I(Lp) in absolute value, so it takes a
very small portion of the deadtimes for the two currents to equal each other. Then, the
first one starts as IR equals I(Lp) slightly after t1 and ends at t= t3. The second one
starts slightly after t5 and ends at t= t7.
2.
As shown in the diagrams of Figure 18, the tank circuit current is still lagging the
impressed voltage, so that they have the same sign at half-bridge leg transitions.
Furthermore, the switched currents IR(t1) and IR(t5) are large enough to complete the
HB node swing well within the deadtimes (t1, t2) and (t5, t6) respectively. However, as
compared to CCM mode, the duration of the energy taking phase (t0, t1) is shorter, the
external recirculation phase is longer and the displacement angle
ϕ:
Equation 11
gets close to
π/2. Using ac terminology, the active energy is lower and the reactive
energy is higher.
3.
The secondary rectifiers D1 and D2 start conducting during the conduction period of
Q1 and Q2, respectively. Both the initial current and also its di/dt are zero, thus they
have a soft turn-on. D1 and D2 cease to conduct when tank circuit's current IR equals
Lp's current I(Lp). In this case this is almost synchronous with either switch turn-off.
Again, only when IR equals I(Lp) and no current is flowing through the secondary
rectifier previously conducting can the voltage across the primary winding of the
transformer reverse and hence also the voltage across the secondary rectifiers. In the
ϕ 2π
t
8
t
6
–
t
8
t
0
–
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com