Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 33Page - STMicroelectronics AN2644 Datasheet HTML 34Page - STMicroelectronics AN2644 Datasheet HTML 35Page - STMicroelectronics AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
37/64
2.4
No-load operation
The ability to operate under no-load conditions is another peculiar characteristic of the LLC
resonant half-bridge converter. The typical waveforms in this operating mode, called also
"cutoff" mode, which can occur at frequencies both above, below and at the resonant
frequency fR1, as demonstrated in [3], are illustrated in the timing diagrams of Figure 23.
Note that it is IR=I(Lp), then I(D1)=I(D2)=0, throughout the entire switching cycle. IR is made
by portions of sinusoid at f=fR2, but looks very much like a triangular waveform. In order for
this operation to occur, the voltage developed across Lp and reflected to the secondary side
has to be lower than the output voltage throughout the entire switching cycle, so that either
secondary rectifier cannot be forward-biased. In other words, Equation 12 has to be met for
t
∈(t0, t6). The ability of the converter to operate with no-load can be easily deducted by
Equation 12 itself. However big the peak value of Vin(t)-Vc(t) is and provided a·Vout is not
zero, it is possible to find a value of Lp that meets condition (
α). In the end, no-load
operation is not an intrinsic property of the LLC resonant converter (like ZCS for the
secondary rectifiers) but it can be achieved with an appropriate design of the tank circuit.
The difference with respect to the LC series resonant converter is apparent. If Lp
→ ∞ the
LLC converter turns into the LC one but Vc
→ 0 because there is no current through the
resonant tank and the only possible equilibrium condition is Vin = a·Vout. If the input and
output voltage have a different ratio, output voltage regulation will be impossible.
Seen from a different standpoint, under no load conditions and at a frequency considerably
higher than fR1, the resonant capacitor Cr "disappears" (Vc(t) ≈ Vin/2) and the output voltage
is given by the inductive divider made up by Ls and Lp as shown by the equivalent circuit of
Figure 24. Then, if the voltage conversion ratio is greater than the inductive divider ratio,
regulation will be possible at some finite frequency, otherwise it will not be. From Equation
12, substituting Vin(t) = Vin and, then, Vc(t) = Vin/2, it is possible to find a necessary condition
in order for the converter to be able to regulate at zero load:
Equation 15
Lp, then, plays a key role. It not only makes zero load operation possible but allows soft-
switching under these conditions too, as already discussed. The price to pay for that is the
considerable tank current IR=I(Lp) circulating in the circuit and illustrated in Figure 23. This
circulation is not lossless. Power is dissipated in power MOSFET, the resonant capacitor
and the transformer.
This prevents the LLC resonant converter from achieving extremely low input power levels at
no load, unless appropriate countermeasures are taken. The most effective way to reduce
no-load consumption to a very low level is to let the converter operate intermittently ("burst-
mode" or "pulse-skipping" operation). In this way, the average value of the tank current can
be reduced at an almost negligible value. Furthermore, the average switching frequency will
be considerably lowered thus minimizing the residual turn-off switching losses.
2.5
Overload and short circuit operation
The equivalent schematic of the converter under short circuit conditions is illustrated in
Figure 25. The inductance Lp is actually shunted by an extremely low impedance, so that
the LLC circuit reduces to a series LC circuit. The transformer will work as a "current
transformer", so that the output current will be a times the primary (input) current Iin. It is
Lp
Ls
Lp
+
--------------------
2
aV
out
⋅
V
in
-------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com