Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Conclusion
AN2644
46/64
3
Conclusion
The operation of the LLC resonant converter has been examined in detail and its most
important properties have been deduced by inspection of its salient waveforms under
different operating conditions. To summarize, the most significant merits of this topology are:
●
Soft-switching of all semiconductor devices: ZVS (zero-voltage switching) at turn-on for
the MOSFETs and ZCS (zero-current switching) at both turn-on and turn-off for the
secondary rectifiers. The first property results from a correct design of the resonant
tank. The second one is a natural feature of the topology.
●
Ability to accommodate an extremely broad load range, including zero load, with an
acceptable frequency variation. Also this property results from a correct design of the
resonant tank.
●
Magnetic integration, which allows the combination of different magnetic devices into a
single physical device.
●
Smooth waveforms: the current is piecewise sinusoidal with no steep edges. The
voltage, although a square wave, does not have very high dv/dt edges. EMI emissions
are considerably low and filtering requirements are relatively loose.
●
As a result of all the above merits, high-efficiency, high switching frequency capability,
high power density are typical characteristics of the converters based on this topology.
The most significant facts concerning the design of an LLC resonant converter are:
●
The quantities that determine whether the converter operates at resonance, above
resonance or below resonance are essentially the input and the output voltages and
the transformer's turn ratio. There is just a second-order dependence on the load
current due to the variation of the voltage drop across parasitic elements such as
winding resistance, rectifier drop, etc.
●
Operation at resonance looks like the preferred operating point, where load regulation
is ideally zero, where tank current is maximally sinusoidal and where CCM operation
minimizes peak tank current for a given power throughput. Whenever possible (e.g.
when the LLC converter is powered by a PFC preregulator) it seems a good design
strategy to design the converter to work at resonance under nominal conditions, and
use below resonance operation to handle mains voltage dips and above resonance
operation to handle light load or transient overshoots of the input voltage.
●
The ability to operate under no-load conditions and to ensure ZVS operation depend
essentially on the transformer's magnetizing inductance. Its value has to be traded off
against the switching losses at full load operation and the input consumption at no-load.
●
Avoiding capacitive mode operation is a must. It is a too risky operating mode and any
design procedure should not leave this fundamental aspect out of consideration.
●
Overcurrent and short circuit protection must be provided. They will not only have to
prevent excessive currents from flowing in both the resonant tank, the transformer and
the output rectifiers but also avoid entering capacitive mode operation.
●
Soft-start is highly recommended. At startup there is a situation very similar to a short
circuit and, if not properly controlled, potentially destructive currents might flow in the
half-bridge leg and the resonant tank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com