Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics AN2644 Datasheet HTML 23Page - STMicroelectronics AN2644 Datasheet HTML 24Page - STMicroelectronics AN2644 Datasheet HTML 25Page - STMicroelectronics AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
24/64
ratio a (n), depends only on the input voltage, not on the load and on the parameters of
the resonant tank. From the design point of view, since Vin and Vout are specified, one
can decide the input voltage where to operate at resonance by choosing the turns ratio
a. Vin/2=a·Vout considered as the 1:1 conversion ratio for the LLC resonant half-bridge.
4.
The logical consequence of LLC converter's ability to operate at resonance
independently of the output load is that the LLC resonant half-bridge can deliver any
power if operated at resonance. This can be seen also in another way. As the
impedance of the series Cr-Ls is zero, the RL load Rac//Lp "sees" the impressed
voltage directly or, in other words, it is supplied by an ideal voltage source. This is a
"singularity" in LLC converter's operation, sometimes referred to as the "load-
independent" point, where the usual energy vs. frequency relationship does not hold.
Actually, the inevitable voltage drops across the resistive elements of the real-world
circuit (such as power MOSFETs' RDS(on), winding resistance, secondary rectifier's
drop, etc.) cause a slight dependence of the frequency on the load. Note that this is a
situation analog to that of CCM-operated PWM converters, where duty cycle is ideally
independent of the load, in reality slightly dependent because of losses.
5.
Energy is taken from the input source only from t0 to t1, the "energy taking" phase, then
for less than half the switching period, while from t1 to t4 energy recirculates internally
to allow energy flow to the load while Q1 is not conducting. This low "duty cycle" of the
input current can be a limiting factor in terms of power handling capability, especially if
the input voltage is low. This consideration suggests the use of the half-bridge topology
in high input voltage applications (e.g. with a PFC front-end, which provides a
400 V input rail). The natural improvement to this limitation is the full-bridge topology,
where phase d) becomes active as well.
6.
Tank circuit current lag
ϕ originates the external energy recirculation phase from t4 to t6
during which energy flow is negative (impressed voltage and input current have
opposite signs). This energy subtracts to that drawn from the input during the energy
taking phase a), hence reducing the net energy flow from the input source to the load
each cycle. This energy can be regarded as reactive energy and cos
ϕ as the input
power factor. Making
ϕ as small as possible (i.e. increasing Lp) would shorten the
duration of the external energy recirculation phase and reduce the amount of reactive
energy, thus improving the energy transfer process. This, however, would also reduce
IR(t1) and IR(t4), hence ϕ can be reduced as long as ZVS is maintained.
7.
Recalling that the current switched at turn-off by Q1, IR(t1) and by Q2, IR(t4) determine
their switching losses, it is straightforward that keeping
ϕ to the minimum value that
ensures ZVS of Q1 and Q2 provides an optimum design. Of course, component
tolerance must be adequately accounted for, thus
ϕ must be larger than the minimum
required and the typical operation will be suboptimal.
8.
The secondary rectifiers D1 and D2 start conducting as Q2 and Q1 turn-off
respectively. The initial current is zero and also its di/dt is low, thus they have a soft
turn-on. D1 and D2 cease to conduct exactly when Q1 and Q2 turn-off, respectively.
These are also the moments when the voltages across D1 and D2 reverse. As a result,
neither D1 nor D2 experience a voltage reversal while conducting a forward current.
Reverse recovery, with all its adverse effects, does not occur. Note that, in this respect,
this is a situation identical to that of a PWM converter operating on the boundary
between CCM and DCM.
2.3.2
Operation above resonance (f > fR1)
In this operating mode the converter exhibits its usual frequency vs. load characteristic. We
will consider three submodes where, in a closed-loop regulated system, CCM operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com