Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 19Page - STMicroelectronics AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics AN2644 Datasheet HTML 23Page - STMicroelectronics AN2644 Datasheet HTML 24Page - STMicroelectronics AN2644 Datasheet HTML 25Page - STMicroelectronics AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
23/64
negative, i.e. it is returned to the input source. D1 keeps on conducting and the
voltage across Lp is a·Vout, so that Lp is not participating in resonance and Cr is
resonating with Ls only. IR is a portion of a sinusoid having a frequency f = fR1.
This phase ends when IR=0 at t=t6 and another switching cycle starts.
Remarks
1.
Parallel inductor Lp never resonates and its current is essentially triangular (note: the
real magnetizing current is sinusoidal and cannot be seen on the oscilloscope). The
LLC converter, then, can be regarded as a series LC resonant half-bridge (composed
by Ls and Cr) that supplies a reactive RL load (composed by Lp and Rac, the equivalent
ac resistor loading the converter, as defined in [2] and reflected back to the primary
side). This standpoint provides considerable insight into the operation of the converter,
as shown in some of the following remarks.
2.
In a resistively loaded series LC tank operating at resonance, the impressed voltage
and the tank current are exactly in-phase, hence the switched current is zero and,
thereby, ZVS cannot be achieved. The effect of adding an inductor (Lp) in parallel to
the resistive load is to provide tank current with the phase shift (lagging) necessary to
switch a current greater than zero, so that ZVS becomes now possible at resonance.
As shown in the diagrams of Figure 16, the tank circuit current lags the impressed
voltage by an angle
ϕ equal to:
Equation 5
so that they have the same sign at half-bridge leg transitions. Furthermore, the
switched currents IR(t1) and IR(t4) are large enough to complete the HB node swing well
within the deadtimes (t1, t2) and (t4, t5) respectively. It is not difficult to recognize that
the angle
ϕ is the phase of the input impedance of the loaded resonant tank evaluated
at f=fR1. Additionally, since the impedance of a series LC tank operating at resonance
is zero, it is possible to state that the input impedance of the LLC resonant tank at
resonance equals the impedance of the RL load.
3.
Generally speaking, in a series LC tank operating at resonance, the voltage drop
across L is equal in module and opposite in sign to the drop across C at all times (this
is why its impedance is zero). In our specific case the drop across the series Cr-Ls will
be zero, so that it is possible to write the following voltage balance equations:
Equation 6
both of them resulting in the following relationship:
Equation 7
This is a fundamental property of the LLC resonant half-bridge: operating at f=fR1
implies that input and output voltages fulfill (1) and, vice versa, if input and output
voltages meet Equation 7 the converter is operating at f=fR1. Then, the fact that the
converter operates at resonance or not, for a given output voltage Vout and a given turn
ϕ 2π
t
6
t
4
–
t
6
t
0
–
--------------
=
V
in
V
in
2
--------
aV
⋅
out
=
–
V
in
2
--------
–
aV
⋅
out
–
=
Q1 ON, Q2 OFF
Q1 OFF, Q2 ON
V
in
2
--------
aV
out
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com