Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
41/64
This phenomenon is well-known in push-pull and half-bridge topologies and is sometimes
referred to as "flux doubling" because the transformer's magnetic flux excursion, which
normally swings by 2Bpk from -Bpk to +Bpk under steady state operation, in the first cycle
goes from 0 to 2Bpk. Fortunately, if the integrated magnetics approach is used, there will be
no risk of saturation. Flux doubling will concern only the resonant inductor Ls, which is
mostly associated to the transformer's leakage inductance that, by definition, cannot
saturate because the relevant flux is developed in air.
Although not inherently hazardous, (capacitive mode and ZVS loss will typically occur in the
first two-three cycles, then the associated stress level is practically negligible) this
phenomenon is not nice to see. To eliminate or, at least, minimize it, the split capacitor
configuration of Figure 4 can be used in some cases. In fact, the initial voltage across each
capacitor will be close to Vin/2 (equal to Vin/2 if the two capacitors had exactly the same
value), then there will be only a minimum transient.
However, this is ineffective with many control ICs with high-side MOSFET driving capability
using capacitive bootstrap. To guarantee an adequate precharge of the bootstrap capacitor
to correctly drive the high-side MOSFET Q1 since the first cycle, the low-side MOSFET Q2
is turned on for some time before starting to operate (as shown in Figure 26), which
discharges completely the lower Cr/2 capacitor. This bootstrap precharge mechanism,
shown in Figure 27, makes ineffective also any pull-up that could precharge Cr.
In this case the initial current peak cannot be completely eliminated, just reduced by either
using a higher starting frequency or by forcing the duty cycle to start from a value
considerably smaller than 50% and letting it widen progressively.
Figure 27.
High-side driving with bootstrap approach and bootstrap capacitor
charge path
2.7
Analysis of power losses
Conduction power losses on the primary side are located in the power MOSFETs, in the
resonant capacitor Cr and the transformer (for convenience the secondary winding losses
can be incorporated). On the secondary side, losses will be essentially located in the
secondary rectifiers, although those in the output capacitors cannot be neglected, at least
as far as capacitor selection is concerned.
Vin
Vcc
DBOOT
CBOOT
Cr / 2
Ls
Lp
Q1
Q2
a:1:1
Cr / 2
Vcc
Level
Shifter
Control
Logic
IBOOTCHARGE
Vin
Vcc
DBOOT
DBOOT
CBOOT
CBOOT
Cr / 2
Ls
Lp
Q1
Q2
a:1:1
Cr / 2
Vcc
Level
Shifter
Control
Logic
IBOOTCHARGE
IBOOTCHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com