Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics AN2644 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
45/64
Figure 28.
Frequency compensation with an isolated type 3 amplifier (3 poles + 2
zeros)
Equation 18
Vo
TL431
R1
R2
RF1
RF2
CF2
CF1
RB2
RB1
Ic
RF3
CF3
CTR
Vo
TL431
R1
R2
RF1
RF2
CF2
CF1
RB2
RB1
Ic
RF3
CF3
CTR
I
C
V
o
------
CTR
sR1 RB1 CF1
⋅⋅
()
-------------------------------------------------
1s RB1
RF2
+
()CF2
+
1sRF2 CF2
⋅
+
-------------------------------------------------------------
1
s R1
RF1
+
()CF1
+
1sRF3 CF3
⋅
+
--------------------------------------------------------
⋅⋅
=
^
^



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com