Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics AN2644 Datasheet HTML 10Page - STMicroelectronics AN2644 Datasheet HTML 11Page - STMicroelectronics AN2644 Datasheet HTML 12Page - STMicroelectronics AN2644 Datasheet HTML 13Page - STMicroelectronics AN2644 Datasheet HTML 14Page - STMicroelectronics AN2644 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
11/64
considerably lower than that in a flyback converter, as shown in Table 1, this is one of the
few real drawbacks of the topology.
Additional details concerning power losses will be discussed in Analysis of power losses on
page 41.
To complete the general picture on the LLC resonant converter, there is another aspect that
needs to be addressed concerning parasitic components which affect the behavior of the
circuit.
The first parasitic element to consider is the capacitance of the midpoint of the half-bridge
structure, the node common to the source of the high-side power MOSFET and to the drain
of the low-side power MOSFET. Its effect is that the transitions of the half-bridge midpoint
will require some energy and take a finite time to complete. This is linked to the previously
mentioned deadtime inserted between the turn-off of either switch and the turn-on of the
complementary one, and will be discussed in more detail in Section 2.2.
The second parasitic element to consider is the distributed capacitance of transformer's
windings. This capacitance, which exists for both the primary and the secondary windings,
in combination with windings' inductance, originates what is commonly designated as the
transformer "self-resonance". In addition to this capacitance one needs to consider also the
junction capacitance of the secondary rectifiers, which adds up to that of the secondary
windings and lowers the resulting self-resonance frequency (loaded self-resonance).
The effect of all this parasitic capacitance can be modeled with a single capacitor CP
connected in parallel to LM as illustrated in Figure 7. The resonant tank, as a consequence,
turns from LLC to LLCC. This 4th- order tank circuit features a third resonance frequency at
the transformer's loaded self-resonance (fLSR > fR1). When the operating frequency is
considerably lower than fLSR the effect of CP is negligible. However, at frequencies greater
than fR1 and if the load impedance is high enough, its effect starts making itself felt,
eventually resulting in reversing the transferable power vs. frequency relationship as
frequency approaches fLSR. Power now increases with the switching frequency, feedback
becomes positive and the converter loses control of the output voltage. The onset of this
"feedback reversal" in closed-loop operation is revealed by a sudden frequency jump to its
maximum value as the load falls below a critical value (i.e. the frequency exceeds a critical
value) and a simultaneous output voltage rise.
In some way, either appropriately choosing the operating frequency range (<< fLSR) or
increasing fLSR, the converter must work away from feedback reversal. This usually sets the
practical upper limit to a converter's operating frequency range.
Table 1.
Output stress for LLC resonant half-bridge vs. PWM topologies @ 50% duty cycle
Output current form factors
Forward - ZVS AHB
LLC resonant HB
Flyback (CCM-DCM boundary)
Peak-to-DC ratio
≈1.05÷1.15
4
Rms-to-DC ratio
≈1
AC-to-DC ratio
≈0.03÷0.09
π
2
---
≈
1.57
=
π
22
-----------
≈
1.11
=
8
3
---
1.63
≈
π
2
8
------
1
–
≈
0.48
=
8
3
---
1
–
1.29
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com