Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 49Page - STMicroelectronics AN2644 Datasheet HTML 50Page - STMicroelectronics AN2644 Datasheet HTML 51Page - STMicroelectronics AN2644 Datasheet HTML 52Page - STMicroelectronics AN2644 Datasheet HTML 53Page - STMicroelectronics AN2644 Datasheet HTML 54Page - STMicroelectronics AN2644 Datasheet HTML 55Page - STMicroelectronics AN2644 Datasheet HTML 56Page - STMicroelectronics AN2644 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
AN2644
Resonant transitions of half-bridge midpoint
53/64
In the end, the approximation (Equation 36) provides a relationship that is sufficiently
accurate for design purposes under all operating conditions. Fortunately the conditions
where accuracy is worst (CCM) are not critical as far as ZVS is concerned because the
switched current IR(0) is greater than it is under all other conditions.
To achieve ZVS for both switches, a necessary condition is that TT≤TD. An additional
constraint comes from the condition that the tank current IR has to keep its sign unchanged
during the time interval (0, TD). Should the current become zero in that interval, the body
diode of Q1 would not be forward biased any more and the voltage VHB, no longer
constrained to Vin, would experience oscillations at an angular frequency equal to either
ωDD or ωCC. Q1 would then be turned on with a drain-to-source voltage in general greater
then zero.
In practical cases, when the converter is operated at or above resonance the tank current
crosses zero with a considerable delay after the end of the deadtime, especially in DCM
modes, where the phase lag
ϕ described by Equation 5 or 8 or 11 or 13 tends to π /2; hence,
this constraint can be disregarded. It becomes significant when working below resonance
and close to the boundary between the capacitive and the inductive mode (CCMB mode).
Under the assumption TT < TD, in the time interval (TT, TD) Equation 34 no longer apply and
IR is again a portion of sinusoid having frequency fR1, which can be described by an
equation of the type:
Equation 37
In order for the tank current to keep the same sign during the remainder of the deadtime, the
following condition must be fulfilled:
Equation 38
Figure 31.
Voltage of HB node vs time (see
Equation 32)
Figure 32.
Resonant current vs time (see
Equation 34)
I
R t
()
I
Rpksin 2πfR1t
ϕ
–
()
=
-
2
πf
R1TD
ϕ 0
>
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com