Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics AN2644 Datasheet HTML 32Page - STMicroelectronics AN2644 Datasheet HTML 33Page - STMicroelectronics AN2644 Datasheet HTML 34Page - STMicroelectronics AN2644 Datasheet HTML 35Page - STMicroelectronics AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
33/64
g)
t6 → t7. This is the deadtime during which both Q1 and Q2 are OFF. At t=t6
IR = I(Lp) is (in absolute value) greater than zero and provides the energy to let the
node HB swing from 0 to Vin, so that the body diode of Q1, DQ1, is injected. This
allows IR to flow back to the input source. The voltage across Lp reverses to a
Vout, D1 starts conducting while D2 is reverse biased with a negative voltage
approximately equal to 2·Vout (plus the contribution from LL2, here not shown).
This phase ends when Q1 is switched on at t=t7.
h)
t7 → t8. Q1 is ON and Q2 is OFF. At t=t7 IR is diverted from DQ1 to the RDS(on) of
Q1, so that no significant energy is lost during the turn-on transient. Note that now
the operating point of Q1 is in the third quadrant, current is flowing from the source
to drain. This phase, along with the preceding one is the "external energy
recirculation phase": current is negative (coming out of the input terminal) despite
that the impressed voltage is positive so that the input energy is negative, i.e. it is
returned to the input source. D1 is still conducting and the voltage across Lp is a
Vout, so that Lp is not participating in resonance anymore and Cr is resonating with
Ls only. IR is again a portion of a sinusoid having a frequency f = fR1. This phase
ends when IR=0 at t=t8 and another switching cycle begins.
Remarks
1.
Also in this "below-resonance" DCM submode the multiresonant nature of the LLC
converter shows up. From t1 to t2 and from t5 to t6 the secondary rectifiers are both
open and the second resonance frequency fR2 appears. This is one of the fundamental
advantages of the LLC resonant converter over the traditional LC series-resonant
converter. In fact it helps keep operation away from capacitive mode. Although the tank
circuit current IR lags the impressed voltage (being R>Rcrit by assumption) so that they
have the same sign at half-bridge leg transitions, the switching period is longer than the
resonant period,1/fR1. Then IR, which is decaying (in absolute value), might come close
to zero or even reverse if it still evolved according to the same sinusoid at frequency
f=fR1 (see the extrapolated black lines drawn in (t1, t2) and (t5, t6)). This lower frequency
sinusoid "holds up" the tank current, hence ensuring that the switched currents IR(t2)
and IR(t6) do not change sign and have amplitude large enough to complete the HB
node swing well within the deadtimes (t2, t3) and (t6, t7) respectively, i.e. ZVS.
2.
In the series LC tank Ls-Cr operating below resonance with R>Rcrit the voltage drop
across the L-C series is negative (the capacitive reactance is larger in module than the
inductive reactance), i.e. a minus sign is located at the node HB. As a result:
Equation 14
Then, when operating below resonance, for a given input voltage, the LLC resonant
half-bridge will provide an output voltage higher than that available at resonance, and
vice versa, with a given output voltage the LLC resonant half-bridge will operate below
a resonance if the input voltage is lower than 2·Vout. In other words, the conversion
ratio, intended as previously mentioned, is > 1, then the LLC is said to have a "step-up"
characteristic when operating below resonance.
3.
The secondary rectifiers D1 and D2 start conducting when Q2 and Q1 are switched off,
respectively. The initial current is zero and its di/dt is low, thus they have a soft turn-on.
aV
out
V
in
2
--------
>
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com