Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 14Page - STMicroelectronics AN2644 Datasheet HTML 15Page - STMicroelectronics AN2644 Datasheet HTML 16Page - STMicroelectronics AN2644 Datasheet HTML 17Page - STMicroelectronics AN2644 Datasheet HTML 18Page - STMicroelectronics AN2644 Datasheet HTML 19Page - STMicroelectronics AN2644 Datasheet HTML 20Page - STMicroelectronics AN2644 Datasheet HTML 21Page - STMicroelectronics AN2644 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
18/64
deadtime and ZVS are related is actually more complex and depends on converter's
operating conditions.
It is instructive to see this in Figure 13, which shows typical node HB waveforms occurring
when working in the inductive region but too close to the capacitive region, so that ZVS is
not achieved. They refer to the Q1
→OFF, Q2 → ON transition; those related to the opposite
transition are obviously turned upside down.
●
Case a) is very close to the boundary between inductive and capacitive regions. Tank
current reverses just after Q1 is switched off, a portion of node HB ringing appears as a
small "dip", then the tank current becomes negative enough to let the body diode of Q1
start conducting. When Q2 turns on there are capacitive losses and the recovery of the
Q1's body diode with all the related issues.
●
Case b) is slightly more in the inductive region but still IR crosses zero within the
deadtime. The node HB ringing becomes larger and the body diode of Q1 still conducts
for a short time and its recovery is invoked as Q2 turns on.
●
Case c) Is even more in the inductive region but still not sufficiently away from the
capacitive-inductive boundary. The ringing of the node HB is large enough to reach
zero but IR reverses within the deadtime and the voltage goes up again. At the end of
the deadtime the voltage does not reach Vin, hence the body diode of Q1 does not
conduct and Q2, when turned on, will experience only capacitive losses.
●
Case d) Is further in the inductive region and IR crosses zero nearly at the end of the
deadtime. Q2 is now almost soft-switched with no losses. This can be considered as
the boundary of the operating region where ZVS can be achieved with the given
duration of TD.
Note that the resonant tank's current during node HB ringing is lower than the one flowing
through Lp. This means that their difference is flowing into the transformer and,
consequently, that one of the secondary half-windings is conducting. Therefore, CHB is
resonating with Ls only.
This analysis shows that there is a "border belt" in the inductive region, close to the
boundary with the capacitive region (fR2 < f < fR1, R = Rcrit) and that as converter's operation
is moved away from the capacitive-inductive boundary and pushed more deeply in the
inductive region there is a progressive behavior change from hard-switching to soft-
switching. In the cases a and b the inductive energy in the resonant tank is too small to let
the node HB even swing "rail-to-rail"; moving away from the boundary, as shown in case c,
the energy is higher and allows a rail-to-rail swing, but it is not large enough to keep the
node HB "hooked" to the rail throughout the deadtime TD. If the converter is operated in this
border belt, Q1 and Q2 will be hard-switched at turn-on and, in cases such as case a and
case b, the body diode of the just turned off power MOSFET is injected and then recovered
as the other power MOSFET turns on.
Case b and, especially, case c highlight that it is possible to look at the deadtime TD also
from another standpoint: looking at those waveforms, one might conclude that the current IR
at the beginning of the deadtime is too low or, conversely, that the deadtime is too long. In
case c, for example, if the dead-time had been approximately half the value actually shown,
Q2 would have been soft-switched at turn-on. Of course, the more appropriate interpretation
depends on whether TD is fixed or not.
These cases are related to heavy load conditions.
Figure 14 shows a case typical of no-load conditions, where ZVS is not achieved because of
a too slow transition of the node HB so that it does not swing completely within the deadtime
TD. In this case the situation seems less stressful than operating in the capacitive region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com