Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
43/64
operation, here only a qualitative description will be given, which is the result of a
characterization by simulation [7] (refer to Section 4).
As stated many times, the operating frequency is the parameter that allows regulation of the
input-to-output energy flow. The control-to-output transfer function G(j
ω) that characterizes
the small-signal behavior of the LLC resonant converter will then be defined as:
Equation 17
In the overall converter's dynamics it is convenient to separate the contribution of the
"inverter" part and that of the rectifying and filtering block that transforms the inverter in a
converter. This is quite a useful concept of superposition because it gives considerable
physical insight. Regardless of the operating mode of the inverter and, then, of its
contribution to converter's dynamics, the rectifying and filtering block always introduces a
low frequency pole associated to the output capacitor, the load resistance and the open-
loop output impedance Zo0 of the resonant tank, plus a zero due to the output capacitor and
its ESR (equivalent series resistor). This pole moves with the load (frequency is higher at
heavy load, lower at light load) because of the changes in Zo0, while the zero is at an
essentially fixed frequency, exactly like in PWM converters.
Different types of dynamic behavior, corresponding to different pole distributions of G(j
ω),
can be observed depending on the operating mode. Again we will consider operation at,
above and below resonance.
2.8.1
Operation above resonance (f > fR1)
In this operating mode the converter features a special characteristic typical of resonant
converters, the so-called "beat frequency double pole", i.e. two complex and conjugate
poles having their imaginary part at the difference between the switching frequency f and
the resonant frequency fR1. In addition to this double pole, contributed by the inverter part,
there is the pole-zero pair associated to the output filter. If f is significantly higher than fR1,
the system can be regarded as a single-pole system.
As switching frequency moves close to resonant frequency, the beat frequency double pole
will move to lower frequency. When the switching frequency is very close to resonant
frequency, the beat frequency double pole will eventually split and become two real poles.
One moves to higher frequencies and the other moves to lower frequencies as switching
frequency gets closer and closer to resonant frequency. Finally, the split pole moving to low
frequency will merge with the low frequency pole caused by the output filter and form a
double pole. This type of characteristic is very similar to that of the conventional series LC
converter.
Provided the converter is not operating too close to resonance, as long as it runs in CCM,
the pole distribution tends not to change significantly. In DCM operation, instead, the beat
frequency double pole will more pronouncedly move to higher frequencies and the low
frequency pole to lower frequencies. At light load, the converter can then be regarded as a
single-pole system.
Concerning how the resonant tank characteristics affect the small-signal behavior, the
parallel inductor Lp has no practical effect. Conversely, increasing the impedance of the
resonant tank (i.e. increasing Ls and reducing Cr while keeping the same fR1), the DC gain
will increase. Also the low frequency pole changes with the resonant tank impedance (it
V
o
f
------
Gj
ω
()
=
^
^



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com