Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2644 Datasheet HTML 1Page - STMicroelectronics AN2644 Datasheet HTML 2Page - STMicroelectronics AN2644 Datasheet HTML 3Page - STMicroelectronics AN2644 Datasheet HTML 4Page - STMicroelectronics AN2644 Datasheet HTML 5Page - STMicroelectronics AN2644 Datasheet HTML 6Page - STMicroelectronics AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
AN2644
Classification of resonant converters
5/64
1
Classification of resonant converters
Resonant conversion is a topic that is at least thirty years old and where much effort has
been spent in research in universities and industry because of its attractive features: smooth
waveforms, high efficiency and high power density. Yet the use of this technique in off-line
powered equipment has been confined for a long time to niche applications: high-voltage
power supplies or audio systems, to name a few. Quite recently, emerging applications such
as flat panel TVs on one hand, and the introduction of new regulations, both voluntary and
mandatory, concerning an efficient use of energy on the other hand, are pushing power
designers to find more and more efficient AC-DC conversion systems. This has revamped
and broadened the interest in resonant conversion. Generally speaking, resonant
converters are switching converters that include a tank circuit actively participating in
determining input-to-output power flow. The family of resonant converters is extremely vast
and it is not an easy task to provide a comprehensive picture. To help find one's way, it is
possible to refer to a property shared by most, if not all, of the members of the family. They
are based on a "resonant inverter", i.e. a system that converts a DC voltage into a sinusoidal
voltage (more generally, into a low harmonic content ac voltage), and provides ac power to a
load. To do so, a switch network typically produces a square-wave voltage that is applied to
a resonant tank tuned to the fundamental component of the square wave. In this way, the
tank will respond primarily to this component and negligibly to the higher order harmonics,
so that its voltage and/or current, as well as those of the load, will be essentially sinusoidal
or piecewise sinusoidal. As shown in Figure 2, a resonant DC-DC converter able to provide
DC power to a load can be obtained by rectifying and filtering the ac output of a resonant
inverter.
Figure 2.
General block diagram of a resonant inverter, the core of resonant
converters
Different types of DC-AC inverters can be built, depending on the type of switch network and
on the characteristics of the resonant tank, i.e. the number of its reactive elements and their
configuration [1].
As to switch networks, we will limit our attention to those that drive the resonant tank
symmetrically in both voltage and time, and act as a voltage source, namely the half-bridge
and the full-bridge switch networks. Borrowing the terminology from power amplifiers,
Resonant
tank circuit
Switch
network
Vin
dc
Vout
ac
Resonant Inverter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
dc
Rectifier
Low-pass
filter
Resonant Converter
Resonant Inverter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
ac
Resonant Inverter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
ac
Resonant
tank circuit
Switch
network
Vin
dc
Vout
ac
Resonant Inverter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
dc
Rectifier
Low-pass
filter
Resonant Converter
Resonant Inverter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
dc
Rectifier
Low-pass
filter
Resonant
tank circuit
Switch
network
Vin
dc
Vout
dc
Rectifier
Low-pass
filter
Resonant Converter
Resonant Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com