Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics AN2644 Datasheet HTML 32Page - STMicroelectronics AN2644 Datasheet HTML 33Page - STMicroelectronics AN2644 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
30/64
soft turn-on. They cease to conduct before the transitions of the half-bridge. The
operation is DCM, then ZCS occurs by definition.
Figure 19.
Operation above resonance (f > fR1): main waveforms in DCMAB
operation at light load
2.3.3
Operation below resonance (fR2 < f < fR1, R>Rcrit)
In this operating mode the converter still exhibits its usual frequency vs. load characteristic.
We will consider two submodes where, in a closed-loop regulated system, DCM operation
gets deeper and deeper as the output load is increased and frequency is moved away from
resonance.
DCMAB at medium-light load
This "below-resonance" DCM submode is exactly equal to the above-resonance DCMAB
submode previously considered. The waveforms are shown in Figure 20 and it is possible to
see that they match those shown in Figure 19.
Note only that in this case the condition IR = I(Lp) at t=t1 occurs at a considerably higher
power level than in the case of the above-resonance DCMAB submode (2:1 in the example
shown).
DCMB at heavy load
This "below-resonance" DCM submode, which is unique to below resonance operation,
actually comprises two submodes (DCMB2 & DCMB1) as frequency goes away from
resonance. Their waveforms do not differ much, only those of DCMB2 will be shown. It is
possible to identify eight fundamentals subintervals and the relevant waveforms are
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
0
t
1
t
1
t
3
t
3
t
5
t
5
t
4
t
4
t
2
t
2
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
t
6
t
6
t
8
t
8
t
9
t
9
t
7
t
7
t
10
t
10
Q1 ON
Q2 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com