Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 25Page - STMicroelectronics AN2644 Datasheet HTML 26Page - STMicroelectronics AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics AN2644 Datasheet HTML 32Page - STMicroelectronics AN2644 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
29/64
end, also in this case they are reverse-biased only when their current has gone to zero,
thus ensuring ZCS.
4.
Essentially, the reason why D2 does not conduct during (t2, t3) and D1 does not during
(t6, t7) is that the voltage across the transformer (given by Vin - Vc) is not large enough
so that the voltage developed across Lp (given by the inductive divider ratio Lp/(Ls+Lp))
and reflected to the secondary side can forward-bias D2 or D1. In formulae, this is
expressed as:
Equation 12
DCMAB at light load
In this "above-resonance" DCM sub-mode it is possible to identify ten fundamental
subintervals. The relevant waveforms are illustrated in the timing diagram of Figure 19.
Two more new subintervals, namely (t1, t2), (t6, t7) appear just before the deadtimes of the
half-bridge leg transitions (t2, t3), (t7, t8), respectively. The remaining eight phases are
exactly identical to those of the DCMA above-resonance mode.
a)
t1 → t2. Q1 is ON and Q2 is OFF. At t=t1 IR equals I(Lp) and then I(D1) becomes
zero before Q1 turns off at t=t2, when this phase ends, and remains zero until t=t2.
During this interval the Equation 12 is met and the current IR = I(Lp) is a portion of
a sinusoid having a frequency f = fR2.
b)
t6 → t7. Q1 is OFF and Q2 is ON. At t=t6 IR equals I(Lp) and then I(D2) becomes
zero before Q2 turns off at t=t7, when this phase ends, and remains zero until t=t7.
During this interval the Equation 12 is met and the current IR = I(Lp) is a portion of
a sinusoid having a frequency f = fR2.
Remarks
1.
The transition between this DCMAB mode and the previous DCMA is marked by the
IR = I(Lp) condition occurring exactly at t = t1 of Figure 18.
2.
In this "above-resonance" DCM submode, in a switching cycle there are two time
intervals (t1, t4), (t6, t9) during which no current flows on the secondary side (hence this
is DCM operation) and then the entire transformer's primary inductance Ls+Lp
resonates and fR2 appears. Considering each half-cycle, nonconductive intervals
appear at the beginning and the end.
3.
As shown in the diagrams of Figure 19, the tank circuit current is still lagging the
impressed voltage, so that they have the same sign at half-bridge leg transitions.
Furthermore, the switched currents IR(t2) and IR(t6) are large enough to complete the
HB node swing well within the deadtimes (t2, t3) and (t7, t8) respectively. As compared
to DCMA mode, the duration of the energy taking phase (t0, t1) is even shorter, the
external recirculation phase is longer and the displacement angle
ϕ:
Equation 13
is even closer to
π/2. Most of the energy in the tank circuit is reactive.
4.
As to the secondary rectifiers, they start conducting during the conduction period of Q1
and Q2, respectively. Both the initial current and also its di/dt are zero, thus they have a
V
in t
() Vc t
()
–
()
Lp
Ls
Lp
+
--------------------
aV
out
⋅
≤
ϕ 2π
t
10
t
8
–
t
10
t
0
–
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com