Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics AN2644 Datasheet HTML 45Page - STMicroelectronics AN2644 Datasheet HTML 46Page - STMicroelectronics AN2644 Datasheet HTML 47Page - STMicroelectronics AN2644 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
44/64
gets higher at low impedance). In fact, the low frequency pole is not determined by the load
resistor alone but by the output impedance of the tank circuit as well.
2.8.2
Operation below resonance (fR2 < f < fR1, R>Rcrit)
In this operating mode the converter's dynamics changes considerably. In the left half-plane,
there are three poles and one zero but no beat frequency double pole. The pole distribution
is quite insensitive to switching frequency as compared to that in the above resonance
operation. The pole that in the above resonance operation was moving to higher frequency
when switching frequency was approaching resonance here moves back to lower
frequencies as switching frequency is further reduced going away from resonance. Its
position, however does not change much. The low-frequency double pole is minimally
affected too.
A Right Half Plane Zero (RHPZ) can be observed that moves with switching frequency but,
fortunately, it stays typically away from the low frequency region of interest in the design of
the feedback loop.
Approaching capacitive region, beat frequency dynamics tends to appear again. The phase
has an abrupt 180º shift just beyond the capacitive region threshold (feedback from negative
turns into positive).
Starting from heavy load conditions, at first the Q associated to the low frequency double
pole decreases. The RHPZ shifts to higher frequencies and leaves the stage. Further
reducing the load, the Q of the low frequency double pole increases. At very light load the
low frequency double pole splits, one moves to higher frequencies and the other to lower
frequencies. Again, at very light load the converter can be regarded as a single-pole system.
Unlike in the above resonance operation, in this case the parallel inductor Lp has a
considerable impact on the DC gain of the converter. Additionally, it affects the RHPZ as
well. Larger values for Lp tends to shift it to lower frequencies. As far as the impedance of
the resonant tank is concerned, the effect is the same as in the above resonance operation.
2.8.3
Operation at resonance (f = fR1)
Operation at resonance can be regarded as the borderline between the two previously
considered operating modes. The behavior will not be different from that seen just above
(and just below) resonance: two low-frequency poles, one high-frequency pole and the ESR
zero. The same behavior can be seen as far as load dependence is concerned.
The compensation of the error amplifier must consider the different types of small-signal
behavior that the converter can exhibit, especially if it is designed to operate both above and
below resonance. The challenge comes essentially from its second-order behavior exhibited
in its operation close to resonance frequency due to the low frequency double pole. To
properly compensate that, the best option is a type 3 amplifier, i.e. a compensator with one
pole at the origin plus two poles and two zeros at finite frequencies. The pole at the origin
gives excellent load and line regulation characteristics. The two zeros are placed at low
frequency to compensate the double pole of the control-to-output transfer function, by
counteracting their phase lag. The poles are placed to compensate the ESR zero and
provide more attenuation at switching frequency. A practical implementation of this
compensator is shown in Figure 28 along with the relationship between the component
values and its transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com