Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 35Page - STMicroelectronics AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
39/64
values but also ZVS from being lost. In principle, its setpoint must be such that the
condition R>Rcrit is always fulfilled.
2.
Limiting the minimum operating frequency of the converter is not always effective. It
prevents losing ZVS under overload or short circuit only if this minimum value is above
the resonant frequency fR1. Thereby, relying on just limiting the minimum operating
frequency would force giving up the below-resonance operating region and its
interesting properties, severely limiting the usability range of the converter.
Furthermore, the problem of having too high circulating current would be still unsolved.
3.
Converters are often specified to have peak load demands that are considerably higher
than the maximum continuous power, and whose duration is such that it cannot be
averaged by the output capacitor bank. While these peak loads may be thermally
irrelevant, from the electrical standpoint they must be considered as steady-state. OCP
circuits must not be triggered and the converter must be designed so that the condition
R>Rcrit is not violated under these transient conditions as well.
The inspection of the waveforms under heavy load conditions shows that, unlike PWM-
controlled converters, the peak current in a switching cycle is not reached at the end of the
conduction time of either MOSFET. This suggests that the usual cycle-by-cycle current
limitation so widely used in PWM-controlled converters is not applicable to LLC resonant
converters.
The simplest and also most immediate action to take in response to the detection of an
overload or short circuit condition is to increase the operating frequency. It is advantageous
to push the frequency well above the resonance frequency fR1, so that the converter
definitely operates in the inductive region, and ZVS is maintained, with the input current kept
under control by the inductive reactance of the tank circuit.
However, this frequency rise is not typically sufficient to effectively limit the short-circuit
output current at safe values. In fact, on one hand, the input impedance of the tank circuit in
the inductive region is essentially proportional to frequency. Since there are practical limits
on the maximum operating frequency (it rarely exceeds 3-4 times fR1), the short circuit tank
current can still be considerably large. On the other hand, as the output voltage drops
because of the action of the OCP circuits, the voltage reflected across Lp becomes smaller
and smaller. Then, less and less current flows through Lp and the transformer tends to
transfer all the primary current to the output.
As a consequence, the short circuit output current can be still much higher than the nominal
full-load current and the resulting stress, especially for the secondary rectifiers, might be
unacceptable. In addition to current limiting it is therefore advisable to provide some timed
shutdown protection that either forces an intermittent operation of the converter to
drastically reduce the average value of the output current or latches it off if the OCP circuits
are active for more than some time.
2.6
Converter's startup
Like in PWM-controlled converters, startup is quite a critical moment that needs to be
properly handled in LLC resonant converter as well. When the converter is first switched on
(or also while it is recovering after a protection shutdown) the energy flow should be
progressively increased to allow a slow buildup in output current and voltage. This is
commonly known as "soft-start". Doing otherwise, high and potentially destructive currents
might be drawn from the input source and through the power devices in an attempt to
charge the output capacitors and bring the output voltage to the regulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com