Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 36Page - STMicroelectronics AN2644 Datasheet HTML 37Page - STMicroelectronics AN2644 Datasheet HTML 38Page - STMicroelectronics AN2644 Datasheet HTML 39Page - STMicroelectronics AN2644 Datasheet HTML 40Page - STMicroelectronics AN2644 Datasheet HTML 41Page - STMicroelectronics AN2644 Datasheet HTML 42Page - STMicroelectronics AN2644 Datasheet HTML 43Page - STMicroelectronics AN2644 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
The LLC resonant half-bridge converter
AN2644
40/64
Since at startup the output capacitors are discharged, the startup phase can be regarded as
a "temporary short circuit" (where, however, the output voltage is allowed to increase) and
actually it has to be handled like a short circuit as mentioned in the previous section. To
minimize energy flow, the initial switching frequency will have to be much higher than the
resonance frequency fR1, so that the converter operates in the inductive region, ZVS is
maintained and the input current is kept under control by the inductive reactance of the tank
circuit. The frequency will be allowed to progressively decay until the output voltage comes
close to the regulated value and the control loop closes and takes over.
Some typical waveforms at startup for the converter of Figure 15 are shown in Figure 26,
where the initial frequency is set at 300 kHz (against fR1≈ 76 kHz).
In the LLC resonant converter there is an additional phenomenon that shows up just at the
very beginning and causes higher resonant tank current to flow and ZVS loss.
As mentioned in the Section 2, the resonant capacitor Cr plays the double role of resonant
capacitor and DC blocking capacitor. This essentially means that the resonant voltage on Cr
is superimposed on a DC value that equals Vin/2 because the half-bridge is driven with 50%
duty cycle. As a result, the primary of the transformer is symmetrically driven by a
±Vin/2
square wave. This is true when steady-state operation has been reached.
At startup the initial voltage across Cr is zero and for the first few cycles the voltage seen by
the transformer when the high-side power MOSFET Q1 is on is considerably different from
the voltage seen when Q2 is on. The transformer driving voltage will tend to become
symmetrical as switching cycles follow one another and Cr is charged at the steady state
DC level. During the Cr charge transient the v·s unbalance can be quite high and this makes
the tank current irregular in the first few cycles, with peak values that can be considerably
higher than the steady-state peak-to-peak current expected at the starting frequency.
Additionally, the fundamental ZVS conditions ("when one switch turns off, the tank current
must have the same sign as the impressed voltage") may be violated so that even capacitive
mode operation can be observed.
Figure 26.
Converter's startup: main waveforms
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com