Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2644 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 27Page - STMicroelectronics AN2644 Datasheet HTML 28Page - STMicroelectronics AN2644 Datasheet HTML 29Page - STMicroelectronics AN2644 Datasheet HTML 30Page - STMicroelectronics AN2644 Datasheet HTML 31Page - STMicroelectronics AN2644 Datasheet HTML 32Page - STMicroelectronics AN2644 Datasheet HTML 33Page - STMicroelectronics AN2644 Datasheet HTML 34Page - STMicroelectronics AN2644 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
31/64
illustrated in the timing diagram of Figure 21. Again, t0 is the instant when, with Q1
conducting and Q2 open, the tank current IR has a positive-going zero-crossing.
Figure 20.
Operation below resonance (fR2 < f < fR1 , R>Rcrit): main waveforms in
DCMAB operation
a)
t0 → t1. Q1 is ON and Q2 is OFF. This is the "energy taking" phase, when current
flows from the input source to the tank circuit, so that energy is positive. The
operating point of Q1 is in the first quadrant (current is flowing from drain to
source). D2 is nonconducting and its reverse voltage is approximately 2·Vout (plus
the contribution from LL2, here not shown). D1 is conducting as well, so the
voltage across Lp is a Vout. Lp, then, is not participating in resonance and Cr is
resonating with Ls only. IR is a portion of a sinusoid having a frequency f = fR1.
During this phase, which ends when IR equals I(Lp) and, then, I(D1)=0 at t=t1, IR
reaches its maximum value, after that it starts decaying.
b)
t1 → t2. Q1 is ON and Q2 is OFF. At t=t1 I(D1) becomes zero and IR equals I(Lp),
that is before the conduction time of Q2 ends. Both D1 and D2 are nonconducting
and Lp, no longer shunted by the load reflected to the primary side, goes
effectively in series to Ls and participates to resonance. IR is a portion of a
sinusoid having a frequency f = fR2. Depending on the tank circuit's parameters
and on the operating conditions, this portion can be similar to a straight line, as
shown in the diagrams of Figure 21. This phase ends when Q1 is switched off at
t=t2.
c)
t2 → t3. This is the deadtime during which both Q1 and Q2 are OFF. At t=t2
I(Q1)=I(Lp)=IR is greater than zero and provides the energy to let the node HB
swing from Vin to ground, so that the body diode of Q2, DQ2, is injected. This
allows IR to flow. The voltage across Lp reverses to -a·Vout. D2 starts conducting
while D1 is reverse biased with a negative voltage approximately equal to 2·Vout
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
1
t
3
t
5
t
4
t
2
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
t
6
t
8
t
9
t
7
t
10
Q1 ON
Q2 OFF
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
I(D2) = D2 current
V(D2) = D2 anode voltage
I(Q2) = Q2 current
I(Lp) = Lp (magnetizing) current
Vc = Resonant capacitor voltage
LVG = Q2 gate
I(D1) = D1 current
V(D1) = D1 anode voltage
I(Q1) = Q1 current
IR = Tank circuit’s current
VHB = Node HB voltage
HVG= Q1 gate
t
0
t
0
t
1
t
1
t
3
t
3
t
5
t
5
t
4
t
4
t
2
t
2
Q1 OFF
Q2 ON
Q1 ON
Q2 OFF
t
6
t
6
t
8
t
8
t
9
t
9
t
7
t
7
t
10
t
10
Q1 ON
Q2 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com