Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 59 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 55Page - STMicroelectronics PM0215 Datasheet HTML 56Page - STMicroelectronics PM0215 Datasheet HTML 57Page - STMicroelectronics PM0215 Datasheet HTML 58Page - STMicroelectronics PM0215 Datasheet HTML 59Page - STMicroelectronics PM0215 Datasheet HTML 60Page - STMicroelectronics PM0215 Datasheet HTML 61Page - STMicroelectronics PM0215 Datasheet HTML 62Page - STMicroelectronics PM0215 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
59/91
3.6
Branch and control instructions
Table 21 shows the branch and control instructions:
3.6.1
B, BL, BX, and BLX
Branch instructions.
Syntax
B{cond} label
BL label
BX Rm
BLX Rm
where:
‘B’ is branch (immediate).
‘BL’ is branch with link (immediate).
‘BX’ is branch indirect (register).
‘BLX’ is branch indirect with link (register).
‘label’ is a PC-relative expression. See PC-relative expressions on page 39.
‘Rm’ is a register that indicates an address to branch to.
’Cond’ is an optional condition code, see Conditional execution on page 39.
Operation
All these instructions cause a branch to label, or to the address indicated in Rm. In addition:
The BL and BLX instructions write the address of the next instruction to LR (the link
register, R14).
The BX and BLX instructions cause a Hard fault exception if bit[0] of Rm is 0.
The BL and BLX instructions also set bit[0] of the LR to 1. This ensures that the value is
suitable for use by a subsequent POP {PC} or BX instruction to perform a successful
return branch.
Table 22 shows the ranges for the various branch instructions.
Table 21.
Branch and control instructions
Mnemonic
Brief description
See
B{cc}
Branch {conditionally}
B, BL, BX, and BLX on page 59
BL
Branch with link
BLX
Branch indirect with link
BX
Branch indirect
Table 22.
Branch ranges
Instruction
Branch range
B label
−2 KB to +2 KB
Bcond label
−256 bytes to +254 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com