Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 15Page - STMicroelectronics PM0215 Datasheet HTML 16Page - STMicroelectronics PM0215 Datasheet HTML 17Page - STMicroelectronics PM0215 Datasheet HTML 18Page - STMicroelectronics PM0215 Datasheet HTML 19Page - STMicroelectronics PM0215 Datasheet HTML 20Page - STMicroelectronics PM0215 Datasheet HTML 21Page - STMicroelectronics PM0215 Datasheet HTML 22Page - STMicroelectronics PM0215 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
PM0215
The STM32 Cortex-M0 processor
Doc ID 022979 Rev 1
19/91
2.2.1
Memory regions, types and attributes
The memory map is split into regions. Each region has a defined memory type, and some
regions have additional memory attributes. The memory type and attributes determine the
behavior of accesses to the region.
The memory types are:
The different ordering requirements for Device and Strongly-ordered memory mean that the
memory system can buffer a write to Device memory, but must not buffer a write to Strongly-
ordered memory.
Additional memory attributes include:
2.2.2
Memory system ordering of memory accesses
For most memory accesses caused by explicit memory access instructions, the memory
system does not guarantee that the order in which the accesses complete matches the
program order of the instructions, providing this does not affect the behavior of the
instruction sequence. Normally, if correct program execution depends on two memory
accesses completing in program order, software must insert a memory barrier instruction
between the memory access instructions, see Section 2.2.4: Software ordering of memory
accesses on page 20.
However, the memory system does guarantee some ordering of accesses to Device and
Strongly-ordered memory. For two memory access instructions A1 and A2, if A1 occurs
before A2 in program order, the ordering of the memory accesses caused by two
instructions is:
Normal
The processor can re-order transactions for efficiency, or
perform speculative reads.
Device
The processor preserves transaction order relative to other
transactions to Device or Strongly-ordered memory.
Strongly-ordered
The processor preserves transaction order relative to all other
transactions.
Execute Never (XN)
Means the processor prevents instruction accesses. Any
attempt to fetch an instruction from an XN region causes a
HardFault exception.
Table 10.
Ordering of memory accesses(1)
1.
- means that the memory system does not guarantee the ordering of the accesses.
< means that accesses are observed in program order, that is, A1 is always observed before A2.
A1
A2
Normal access
Device access
Strongly
ordered
access
Non-shareable
Shareable
Normal access
-
-
-
-
Device access, non-shareable
-
<
-
<
Device access, shareable
-
-
<
<
Strongly ordered access
-
<
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com