Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 36Page - STMicroelectronics PM0215 Datasheet HTML 37Page - STMicroelectronics PM0215 Datasheet HTML 38Page - STMicroelectronics PM0215 Datasheet HTML 39Page - STMicroelectronics PM0215 Datasheet HTML 40Page - STMicroelectronics PM0215 Datasheet HTML 41Page - STMicroelectronics PM0215 Datasheet HTML 42Page - STMicroelectronics PM0215 Datasheet HTML 43Page - STMicroelectronics PM0215 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
The STM32 Cortex-M0 instruction set
PM0215
40/91
Doc ID 022979 Rev 1
A carry occurs:
If the result of an addition is greater than or equal to 232
If the result of a subtraction is positive or zero
As the result of a shift or rotate instruction
Overflow occurs if the sign of a result, in bit[31], does not match the sign of the result had
the operation been performed at infinite precision, for example:
If adding two negative values results in a positive value
If adding two positive values results in a negative value
If subtracting a positive value from a negative value generates a positive value
If subtracting a negative value from a positive value generates a negative value.
The Compare operations are identical to subtracting, for CMP, or adding, for CMN, except
that the result is discarded. See the instruction descriptions for more information.
Condition code suffixes
The instructions that can be conditional have an optional condition code, shown in syntax
descriptions as B{cond}. An instruction with a condition code is only executed if the
condition code flags in the APSR meet the specified condition. Table 17 shows the condition
codes to use.
You can use conditional execution with the IT instruction to reduce the number of branch
instructions in code.
Table 17 also shows the relationship between condition code suffixes and the N, Z, C, and V
flags.
Table 17.
Condition code suffixes and their relationship with the flags
Suffix
Flags
Meaning
EQ
Z = 1
Equal, last flag setting result was zero
NE
Z = 0
Not equal, last flag setting result was non-zero
CS or HS
C = 1
Higher or same, unsigned
CC or LO
C = 0
Lower, unsigned <
MI
N = 1
Negative
PL
N = 0
Positive or zero
VS
V = 1
Overflow
VC
V = 0
No overflow
HI
C = 1 and Z = 0
Higher, unsigned >
LS
C = 0 or Z = 1
Lower or same, unsigned
GE
N = V
Greater than or equal, signed
LT
N
! = V
Less than, signed <
GT
Z = 0 and N = V
Greater than, signed >
LE
Z = 1 and N
!= V
Less than or equal, signed
AL
Can have any value
Always. This is the default when no suffix is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com