Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 33Page - STMicroelectronics PM0215 Datasheet HTML 34Page - STMicroelectronics PM0215 Datasheet HTML 35Page - STMicroelectronics PM0215 Datasheet HTML 36Page - STMicroelectronics PM0215 Datasheet HTML 37Page - STMicroelectronics PM0215 Datasheet HTML 38Page - STMicroelectronics PM0215 Datasheet HTML 39Page - STMicroelectronics PM0215 Datasheet HTML 40Page - STMicroelectronics PM0215 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
37/91
ASR
Arithmetic shift right by n bits moves the left-hand 32-n bits of the register Rm, to the right by
n places, into the right-hand 32-n bits of the result. And it copies the original bit[31] of the
register into the left-hand n bits of the result (see Figure 10: ASR#3).
You can use the ASR operation to divide the signed value in the register Rm by 2n, with the
result being rounded towards negative-infinity.
When the instruction is ASRS, the carry flag is updated to the last bit shifted out, bit[n-1], of
the register Rm.
Note:
1
If n is 32 or more, all the bits in the result are set to the value of bit[31] of Rm.
2If n is 32 or more and the carry flag is updated, it is updated to the value of bit[31] of Rm.
Figure 10.
ASR#3
LSR
Logical shift right by n bits moves the left-hand 32-n bits of the register Rm, to the right by n
places, into the right-hand 32-n bits of the result. And it sets the left-hand n bits of the result
to 0 (see Figure 11).
You can use the LSR #n operation to divide the value in the register Rm by 2n, if the value is
regarded as an unsigned integer.
When the instruction is LSRS, the carry flag is updated to the last bit shifted out, bit[n-1], of
the register Rm.
Note:
1
If n is 32 or more, then all the bits in the result are cleared to 0.
2If n is 33 or more and the carry flag is updated, it is updated to 0.
Figure 11.
LSR#3


&DUU\
)ODJ







&DUU\
)ODJ











Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com