Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 64 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 60Page - STMicroelectronics PM0215 Datasheet HTML 61Page - STMicroelectronics PM0215 Datasheet HTML 62Page - STMicroelectronics PM0215 Datasheet HTML 63Page - STMicroelectronics PM0215 Datasheet HTML 64Page - STMicroelectronics PM0215 Datasheet HTML 65Page - STMicroelectronics PM0215 Datasheet HTML 66Page - STMicroelectronics PM0215 Datasheet HTML 67Page - STMicroelectronics PM0215 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
The STM32 Cortex-M0 instruction set
PM0215
64/91
Doc ID 022979 Rev 1
3.7.5
ISB
Instruction synchronization barrier.
Syntax
ISB
Operation
ISB acts as an instruction synchronization barrier. It flushes the pipeline of the processor, so
that all instructions following the ISB are fetched from cache or memory again, after the ISB
instruction has been completed.
Restrictions
None
Condition flags
This instruction does not change the flags.
Examples
ISB
; Instruction Synchronisation Barrier
3.7.6
MRS
Move the contents of a special register to a general-purpose register.
Syntax
MRS Rd, spec_reg
where:
●
‘Rd’ is the general-purpose destination register.
●
‘spec_reg’ is one of the special-purpose registers: APSR, IPSR, EPSR, IEPSR,
IAPSR, EAPSR, PSR, MSP, PSP, PRIMASK, or CONTROL.
Operation
MRS stores the contents of a special-purpose register to a general-purpose register. MRS
can be combined with the MSR instruction to produce read-modify-write sequences, which
are suitable for modifying a specific flag in the PSR. See MSR on page 65.
Restrictions
Rd must not be SP or PC.
Condition flags
This instruction does not change the flags.
Examples
MRS
R0, PRIMASK
; Read PRIMASK value and write it to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com