Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 7Page - STMicroelectronics PM0215 Datasheet HTML 8Page - STMicroelectronics PM0215 Datasheet HTML 9Page - STMicroelectronics PM0215 Datasheet HTML 10Page - STMicroelectronics PM0215 Datasheet HTML 11Page - STMicroelectronics PM0215 Datasheet HTML 12Page - STMicroelectronics PM0215 Datasheet HTML 13Page - STMicroelectronics PM0215 Datasheet HTML 14Page - STMicroelectronics PM0215 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
PM0215
The STM32 Cortex-M0 processor
Doc ID 022979 Rev 1
11/91
2
The STM32 Cortex-M0 processor
2.1
Programmers model
This section describes the Cortex-M0 programmers model. In addition to the individual core
register descriptions, it contains information about the processor modes and stacks.
2.1.1
Processor modes
The processor modes are:
The Cortex-M0 does not support multiple privilege levels. It can always use all instructions
and access all resources.
2.1.2
Stacks
The processor uses a full descending stack. This means the stack pointer indicates the last
stacked item on the stack memory. When the processor pushes a new item onto the stack, it
decrements the stack pointer and then writes the item to the new memory location.
The processor implements two stacks, with independent copies of the stack pointer,( see
Stack pointer (SP) register R13 on page 13):
the main stack and
the process stack,
In Thread mode, the CONTROL register controls whether the processor uses the main
stack or the process stack, see Control register on page 16.
In Handler mode, the processor always uses the main stack.
The options for processor operations are:
Thread mode: Used to execute application software.
The processor enters Thread mode when it comes out of reset.
Handler mode: Used to handle exceptions.
The processor returns to Thread mode when it has finished exception
processing.
Table 2.
Summary of processor mode and stack usage
Processor mode
Used to execute
Stack used
Thread
Applications
Main stack or process stack (1)
1.
See Control register on page 16.
Handler
Exception handlers
Main stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com