Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 10Page - STMicroelectronics PM0215 Datasheet HTML 11Page - STMicroelectronics PM0215 Datasheet HTML 12Page - STMicroelectronics PM0215 Datasheet HTML 13Page - STMicroelectronics PM0215 Datasheet HTML 14Page - STMicroelectronics PM0215 Datasheet HTML 15Page - STMicroelectronics PM0215 Datasheet HTML 16Page - STMicroelectronics PM0215 Datasheet HTML 17Page - STMicroelectronics PM0215 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
The STM32 Cortex-M0 processor
PM0215
14/91
Doc ID 022979 Rev 1
Application program status register
Contains the current state of The condition flags from previous instruction executions. See
the register summary in Table 3 on page 12 for its attributes.
Interrupt program status register
Contains the exception type number of the current Interrupt Service Routine (ISR). See the
register summary in Table 3 on page 12 for its attributes.
Table 5.
APSR bit definitions
Bits
Description
Bit 31
N: Negative or less than flag:
0: Operation result was positive, zero, greater than, or equal
1: Operation result was negative or less than.
Bit 30
Z: Zero flag:
0: Operation result was not zero
1: Operation result was zero.
Bit 29
C: Carry or borrow flag:
0: Add operation did not result in a carry bit or subtract operation resulted in a
borrow bit
1: Add operation resulted in a carry bit or subtract operation did not result in a
borrow bit.
Bit 28
V: Overflow flag:
0: Operation did not result in an overflow
1: Operation resulted in an overflow.
Bits 27:0
Reserved.
Table 6.
IPSR bit definitions
Bits
Description
Bits 31:6
Reserved
Bits 5:0
ISR_NUMBER: This is the number of the current exception, see Exception types on
page 22 for more information:
0: Thread mode
1: Resetrved
2: NMI
3: Hard fault
4-10: Reserved
11: SVCall
12: Reserved
13: Reserved
14: PendSV
15: SysTick/Reserved
16: IRQ0
....
47: IRQ31 (see STM32 product reference manual/datasheet for interrupt mapping
information)
48-63: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com