Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics PM0215 Datasheet HTML 87Page - STMicroelectronics PM0215 Datasheet HTML 88Page - STMicroelectronics PM0215 Datasheet HTML 89Page - STMicroelectronics PM0215 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
Core peripherals
PM0215
86/91
Doc ID 022979 Rev 1
4.4.1
SysTick control and status register (STK_CSR)
Address offset: 0x00
Reset value: 0x0000 0004
The SysTick CSR register enables the SysTick features.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
COUNT
FLAG
rw
15
14
13
12
11
10
9
8
7
6
5
4321
0
Reserved
CLKSO
URCE
TICK
INT
EN
ABLE
rw
rw
rw
Bits 31:17 Reserved, must be kept cleared.
Bit 16 COUNTFLAG:
Returns 1 if timer counted to 0 since last time this was read.
Bits 15:3 Reserved, must be kept cleared.
Bit 2 CLKSOURCE: Clock source selection
Selects the timer clock source.
0: External reference clock
1: Processor clock
Bit 1 TICKINT: SysTick exception request enable
0: Counting down to zero does not assert the SysTick exception request
1: Counting down to zero to asserts the SysTick exception request.
Bit 0 ENABLE: Counter enable
Enables the counter. When ENABLE is set to 1, the counter starts counting down. On reaching
0, it sets the COUNTFLAG to 1 and optionally asserts the SysTick depending on the value of
TICKINT. It then loads the RELOAD value again, and begins counting.
0: Counter disabled
1: Counter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com