Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0215 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 16Page - STMicroelectronics PM0215 Datasheet HTML 17Page - STMicroelectronics PM0215 Datasheet HTML 18Page - STMicroelectronics PM0215 Datasheet HTML 19Page - STMicroelectronics PM0215 Datasheet HTML 20Page - STMicroelectronics PM0215 Datasheet HTML 21Page - STMicroelectronics PM0215 Datasheet HTML 22Page - STMicroelectronics PM0215 Datasheet HTML 23Page - STMicroelectronics PM0215 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
The STM32 Cortex-M0 processor
PM0215
20/91
Doc ID 022979 Rev 1
2.2.3
Behavior of memory accesses
The behavior of accesses to each region in the memory map is:
The Code, SRAM, and external RAM regions can hold programs.
2.2.4
Software ordering of memory accesses
The order of instructions in the program flow does not always guarantee the order of the
corresponding memory transactions. This is because:
●
The processor can reorder some memory accesses to improve efficiency, providing this
does not affect the behavior of the instruction sequence.
●
Memory or devices in the memory map have different wait states
●
Some memory accesses are buffered or speculative.
Section 2.2.2: Memory system ordering of memory accesses on page 19 describes the
cases where the memory system guarantees the order of memory accesses. Otherwise, if
the order of memory accesses is critical, software must include memory barrier instructions
to force that ordering. The processor provides the following memory barrier instructions:
Table 11.
Memory access behavior
Address
range
Memory
region
Memory
type(1)
1.
See Memory regions, types and attributes on page 19 for more information.
XN(1)
Description
0x00000000-
0x1FFFFFFF
Code
Normal
-
Executable region for program code. Can also put
data here.
0x20000000-
0x3FFFFFFF
SRAM
Normal
-
Executable region for data. Can also put code
here.
0x40000000-
0x5FFFFFFF
Peripheral
Device
XN
External device memory
0x60000000-
0x9FFFFFFF
External
RAM
Normal
-
Executable region for data.
0xA0000000-
0xDFFFFFFF
External
device
Device
XN
External device memory
0xED000000-
0xED0FFFFF
Private
Peripheral
Bus
Strongly-
ordered
XN
This region includes the NVIC, System timer, and
system control block. Only word accesses can be
used in this region.
0xED100000-
0xFFFFFFFF
Device
Device
XN
This region includes all the STM32 standard
peripherals.
DMB
The Data Memory Barrier instruction ensures that outstanding memory transactions
complete before subsequent memory transactions. See DMB on page 63.
DSB
The Data Synchronization Barrier instruction ensures that outstanding memory
transactions complete before subsequent instructions execute. See DSB on
page 63.
ISB
The Instruction Synchronization Barrier ensures that the effect of all completed
memory transactions is recognizable by subsequent instructions. See ISB on
page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com